| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
A43L0616AV Datasheet(PDF) 19 Page - AMIC Technology |
|
|
|||||||||||||||||||||||||||||
A43L0616AV Datasheet(HTML) 19 Page - AMIC Technology |
|
19 / 45 page ![]() A43L0616A (May, 2001, Version 1.0) 18 AMIC Technology, Inc. 5. Write Interrupted by Precharge & DQM Note : 1. To inhibit invalid write, DQM should be issued. 2. This precharge command and burst write command should be of the same bank, otherwise it is not precharge interrupt but only another bank precharge of dual banks operation. 6. Precharge 7. Auto Precharge * Note : 1. The row active command of the precharge bank can be issued after tRP from this point. The new read/write command of other active bank can be issued from this point. At burst read/write with auto precharge, CAS interrupt of the same/another bank is illegal. WR PRE Note 2 Note 1 D0 D1 D2 D3 Masked by DQM CLK CMD DQM DQ WR PRE D0 D1 D2 D3 CLK CMD DQ 1) Normal Write (BL=4) tRDL RD PRE Q0 Q1 Q2 Q3 CLK CMD DQ(CL2) 2) Read (BL=4) Q0 Q1 Q2 Q3 DQ(CL3) WR D0 D1 D2 D3 CLK CMD DQ 1) Normal Write (BL=4) Note 1 RD Q0 Q1 Q2 Q3 CLK CMD DQ(CL2) 2) Read (BL=4) Q0 Q1 Q2 Q3 DQ(CL3) Auto Precharge Starts Note 1 Auto Precharge Starts |