| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA309A Datasheet(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A Datasheet(HTML) 38 Page - STMicroelectronics |
|
38 / 67 page ![]() Registers STA309A 38/67 Doc ID 13855 Rev 4 7.2.28 Channel input mapping channels 1 and 2 (0x1B) 7.2.29 Channel input mapping channels 3 and 4 (0x1C) 7.2.30 Channel input mapping channels 5 and 6 (0x1D) 7.2.31 Channel input mapping channels 7 and 8 (0x1E) Each channel received via I2S can be mapped to any internal processing channel via the channel input mapping registers. This allows for flexibility in processing, simplifies output stage designs, and enables the ability to perform crossovers. The default settings of these registers map each I2S input channel to its corresponding processing channel. D7 D6 D5 D4 D3 D2 D1 D0 Reserved C2IM2 C2IM1 C2IM0 Reserved C1IM2 C1IM1 C1IM0 00 01 000 0 D7 D6 D5 D4 D3 D2 D1 D0 Reserved C4IM2 C4IM1 C4IM0 Reserved C3IM2 C3IM1 C3IM0 00 11 001 0 D7 D6 D5 D4 D3 D2 D1 D0 Reserved C6IM2 C6IM1 C6IM0 Reserved C5IM2 C5IM1 C5IM0 01 01 010 0 D7 D6 D5 D4 D3 D2 D1 D0 Reserved C8IM2 C8IM1 C8IM0 Reserved C7IM2 C7IM1 C7IM0 01 11 011 0 Table 52. CnIM bits CnIM[2:0] Serial input from 000 Channel 1 001 Channel 2 010 Channel 3 011 Channel 4 100 Channel 5 101 Channel 6 110 Channel 7 111 Channel 8 |