| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA309A Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA309A Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 67 page ![]() Registers STA309A 34/67 Doc ID 13855 Rev 4 7.2.10 Master mute register (0x09) 7.2.11 Master volume register (0x0A) Note: Value of volume derived from MVOL is dependent on AMV Automode volume settings. 7.2.12 Channel 1 volume (0x0B) 7.2.13 Channel 2 volume (0x0C) 7.2.14 Channel 3 volume (0x0D) 7.2.15 Channel 4 volume (0x0E) Table 48. EAPD bit Bit RW RST Name Description 7 RW 0 EAPD External amplifier power down: 0: external power stage power down active 1: normal operation D7 D6 D5 D4 D3 D2 D1 D0 Reserved MMUTE 00 00 000 0 D7 D6 D5 D4 D3 D2 D1 D0 MV7 MV6 MV5 MV4 MV3 MV2 MV1 MV0 11 11 111 1 D7 D6 D5 D4 D3 D2 D1 D0 C1V7 C1V6 C1V5 C1V4 C1V3 C1V2 C1V1 C1V0 01 10 000 0 D7 D6 D5 D4 D3 D2 D1 D0 C2V7 C2V6 C2V5 C2V4 C2V3 C2V2 C2V1 C2V0 01 10 000 0 D7 D6 D5 D4 D3 D2 D1 D0 C3V7 C3V6 C3V5 C3V4 C3V3 C3V2 C3V1 C3V0 01 10 000 0 D7 D6 D5 D4 D3 D2 D1 D0 C4V7 C4V6 C4V5 C4V4 C4V3 C4V2 C4V1 C4V0 01 10 000 0 |