Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AX2000 Datasheet(PDF) 87 Page - Microsemi Corporation

No. de pieza AX2000
Descripción Electrónicos  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Datasheet(HTML) 87 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 83Page - Microsemi Corporation AX2000 Datasheet HTML 84Page - Microsemi Corporation AX2000 Datasheet HTML 85Page - Microsemi Corporation AX2000 Datasheet HTML 86Page - Microsemi Corporation AX2000 Datasheet HTML 87Page - Microsemi Corporation AX2000 Datasheet HTML 88Page - Microsemi Corporation AX2000 Datasheet HTML 89Page - Microsemi Corporation AX2000 Datasheet HTML 90Page - Microsemi Corporation AX2000 Datasheet HTML 91Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 73
PLLRCLK and PLLHCLK
PLLRCLK (PLLHCLK) is used to drive global resource CLK (HCLK) from a PLL (Figure 2-44).
Using Global Resources with PLLs
Each global resource has an associated PLL at its root. For example, PLLA can drive HCLKA, PLLE can
drive CLKE, etc. (Figure 2-45).
In addition, each clock pin of the package can be used to drive either its associated global resource or
PLL. For example, package pins CLKEP and CLKEN can drive either the RefCLK input of PLLE or
CLKE.
There are two macros required when interfacing the embedded PLLs with the global resources: PLLINT
and PLLOUT.
PLLINT
This macro is used to drive the RefCLK input of the PLL internally from user signals.
PLLOUT
This macro is used to connect either the CLK1 or CLK2 output of a PLL to the regular routing network
(Figure 2-46).
Figure 2-44 • PLLRCLK and PLLHCLK
Figure 2-45 • Example of HCLKA Driven from a PLL with External Clock Source
Figure 2-46 • Example of PLLINT and PLLOUT Usage
PLLRCLK
PLLHCLK
Clock
Network
CLK1
CLK2
FB
RefCLK
PLL
HCLKAP
HCLKAN
PLLHCLK
HCLKA
Network
CLK1
CLK2
FB
RefCLK
PLLA
PLLINT
PLLHCLK
PLLOUT
HCLKA
Network
CLK1
CLK2
FB
RefCLK
PLLA
Logic
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More