Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APW7065 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

No. de pieza APW7065
Descripción Electrónicos  Synchronous Buck PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7065 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7065 Datasheet HTML 2Page - Anpec Electronics Coropration APW7065 Datasheet HTML 3Page - Anpec Electronics Coropration APW7065 Datasheet HTML 4Page - Anpec Electronics Coropration APW7065 Datasheet HTML 5Page - Anpec Electronics Coropration APW7065 Datasheet HTML 6Page - Anpec Electronics Coropration APW7065 Datasheet HTML 7Page - Anpec Electronics Coropration APW7065 Datasheet HTML 8Page - Anpec Electronics Coropration APW7065 Datasheet HTML 9Page - Anpec Electronics Coropration APW7065 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2009
APW7065
www.anpec.com.tw
6
UGATE Rising
UGATEFalling
CH1
CH2
CH3
CH1
CH2
CH3
CH1: Ug (20V/div)
CH2: Lg (5V/div)
CH3: Phase (10V/div)
Time: 50ns/div
CH1: Ug (20V/div)
CH2: Lg (5V/div)
CH3: Phase (10V/div)
Time: 50ns/div
Typical Operating Characteristics (Cont.)
0
Load Transient Response
Under Voltage Protection
CH1
CH2
CH1
CH2
CH3
CH4
CH1: IL (10A/div)
CH2: Vo (1V/div)
CH3: Ug (20V/div)
CH4: Lg (10V/div)
Time: 100us/div
CH1: Vo (500mV/div,AC)
CH2:Io (5A/div)
Time: 1ms/div
0A
10A
VCC=12V, VIN=12V
V
O=1.2V, L=1µH
VCC=12V, VIN=12V
V
O=1.2V, L=4.7µH
VCC=12V, VIN=12V
V
O=1.2V, L=1µH
I
OUT=5A
VCC=12V, VIN=12V
V
O=1.2V, L=1µH
I
OUT=5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com