Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APW7065 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

No. de pieza APW7065
Descripción Electrónicos  Synchronous Buck PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7065 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7065 Datasheet HTML 1Page - Anpec Electronics Coropration APW7065 Datasheet HTML 2Page - Anpec Electronics Coropration APW7065 Datasheet HTML 3Page - Anpec Electronics Coropration APW7065 Datasheet HTML 4Page - Anpec Electronics Coropration APW7065 Datasheet HTML 5Page - Anpec Electronics Coropration APW7065 Datasheet HTML 6Page - Anpec Electronics Coropration APW7065 Datasheet HTML 7Page - Anpec Electronics Coropration APW7065 Datasheet HTML 8Page - Anpec Electronics Coropration APW7065 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2009
APW7065
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VCC
VCC Supply Voltage
10.8 ~ 13.2
V
VOUT
Converter Output Voltage
0.8 ~ 5
V
VIN
Converter Input Voltage
2.9 ~ 13.2
V
IOUT
Converter Output Current
0 ~ 20
A
TA
Ambient Temperature Range
-20 ~ 70
oC
TJ
Junction Temperature Range
-20 ~ 125
oC
Recommended Operating Conditions
Electrical Characteristics
Unless otherswise specified, these specifications apply over V
CC=12V, and TA =-20~70
oC. Typlcal values are at T
A=25
oC.
APW7065
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IVCC
VCC Nominal Supply Current
UGATE and LGATE Open
-
5
10
mA
VCC Shutdown Supply Current
UGATE, LGATE = GND
-
1
2
mA
POWER-ON-RESET
Rising VCC Threshold
9
9.5
10
V
Falling VCC Threshold
7.5
8
8.5
V
COMP Shutdown Threshold
-
1.2
-
V
COMP Shutdown Hysteresis
-
0.1
-
V
OSCILLATOR
FOSC
Free Running Frequency
255
300
345
kHz
∆V
OSC
Ramp Amplitude
-
1.6
-
VP-P
REFERENCE VOLTAGE
VREF
Reference Voltage
Measured at FB Pin
-
0.8
-
V
Accuracy
TA =-20~70
°C
-1.0
-
+1.0
%
ERROR AMPLIFIER
Gain
Open Loop Gain
RL=10k, CL=10pF
(Note 3)
-
88
-
dB
GBWP
Open Loop Bandwidth
RL=10k, CL=10pF
(Note 3)
-
15
-
MHz
SR
Slew Rate
RL=10k, CL=10pF
(Note 3)
-
6
-
V/
µs
FB Input Current
VFB = 0.8V
(Note 3)
-
0.1
1
µA
VCOMP
COMP High Voltage
-
5.5
-
V
VCOMP
COMP Low Voltage
-
0
-
V
ICOMP
COMP Source Current
VCOMP=2V
-
5
-
mA
ICOMP
COMP Sink Current
VCOMP=2V
-
5
-
mA
GATE DRIVERS
IUGATE
Upper Gate Source Current
BOOT = 12V, VUGATE -VPHASE = 2V
-
2.6
-
A
IUGATE
Upper Gate Sink Current
BOOT = 12V, VUGATE -VPHASE = 2V
-
1.05
-
A
ILGATE
Lower Gate Source Current
VCC = 12V, VLGATE = 2V
-
4.9
-
A
ILGATE
Lower Gate Sink Current
VCC = 12V, VLGATE = 2V
-
1.4
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com