Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LU82541PI Datasheet(PDF) 36 Page - Intel Corporation

No. de pieza LU82541PI
Descripción Electrónicos  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 36 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 32Page - Intel Corporation LU82541PI Datasheet HTML 33Page - Intel Corporation LU82541PI Datasheet HTML 34Page - Intel Corporation LU82541PI Datasheet HTML 35Page - Intel Corporation LU82541PI Datasheet HTML 36Page - Intel Corporation LU82541PI Datasheet HTML 37Page - Intel Corporation LU82541PI Datasheet HTML 38Page - Intel Corporation LU82541PI Datasheet HTML 39Page - Intel Corporation LU82541PI Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
36
5.3
Pinout Information
Table 14. PCI Address, Data and Control Signals
Signal
Pin
Signal
Pin
Signal
Pin
AD[0]
N7
AD[16]
K1
C/BE#[0]
M4
AD[1]
M7
AD[17]
E3
C/BE#[1]
L3
AD[2]
P6
AD[18]
D1
C/BE#[2]
F3
AD[3]
P5
AD[19]
D2
C/BE#[3]
C4
AD[4]
N5
AD[20]
D3
PAR
J1
AD[5]
M5
AD[21]
C1
FRAME#
F2
AD[6]
P4
AD[22]
B1
IRDY#
F1
AD[7]
N4
AD[23]
B2
TRDY#
G3
AD[8]
P3
AD[24]
B4
STOP#
H1
AD[9]
N3
AD[25]
A5
DEVSEL#
H3
AD[10]
N2
AD[26]
B5
IDSEL
A4
AD[11]
M1
AD[27]
B6
VIO
G2
AD[12]
M2
PAD[28]
C6
AD[13]
M3
AD[29]
C7
AD[14]
L1
AD[30]
A8
AD[15]
L2
AD[31]
B8
Table 15. PCI Arbitration Signals
Signal
Pin
REQ#
C3
GNT#
J3
Table 16. Interrupt Signals
Signal
Pin
INTA#
H2
Table 17. System Signals
Signal
Pin
Signal
Pin
CLK
G1
RST#
B9
M66EN
C2
CLK_RUN#
C8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46