| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LU82541PI Datasheet(PDF) 30 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LU82541PI Datasheet(HTML) 30 Page - Intel Corporation |
|
30 / 46 page ![]() 82541(PI/GI/EI) — Networking Silicon 30 Figure 7. TVAL (max) Rising Edge Test Load 10 pF 25 Ω Pin Test Point 1/2 inch max. Figure 8. TVAL (max) Falling Edge Test Load 10 pF 25 Ω Pin Test Point 1/2 inch max. VCC Figure 9. TVAL (min) Test Load 1k Ω Pin Test Point 1/2 inch max. VCC 10 pF 1k Ω |