Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EKZM350ESS331MJC5S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

No. de pieza EKZM350ESS331MJC5S
Descripción Electrónicos  Low impedance, 105C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHEMI-CON [United Chemi-Con, Inc.]
Página de inicio  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKZM350ESS331MJC5S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  EKZM350ESS331MJC5S Datasheet HTML 1Page - United Chemi-Con, Inc. EKZM350ESS331MJC5S Datasheet HTML 2Page - United Chemi-Con, Inc. EKZM350ESS331MJC5S Datasheet HTML 3Page - United Chemi-Con, Inc. EKZM350ESS331MJC5S Datasheet HTML 4Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, 105C
CAT. No. E1001K
?STANDARD RATINGS
SS : Enter the appropriate lead forming or taping code.
WV
(Vdc)
Cap
(mF)
Case size
fDBL(mm)
tane
Impedance
(omax/100kHz)
Rated ripple current
(mArms/105c,100kHz)
Part No.
20c
-10c
25
68
5 B 11
0.14
0.22
0.80
345
EKZM250ESS680ME11D
150
6.3 B 11
0.14
0.094
0.35
540
EKZM250ESS151MF11D
330
8 B 11.5
0.14
0.056
0.19
945
EKZM250ESS331MHB5D
390
8 B 15
0.14
0.045
0.15
1,250
EKZM250ESS391MH15D
470
10 B 12.5
0.14
0.039
0.14
1,330
EKZM250ESS471MJC5S
560
8 B 20
0.14
0.029
0.11
1,500
EKZM250ESS561MH20D
680
10 B 16
0.14
0.028
0.10
1,760
EKZM250ESS681MJ16S
820
10 B 20
0.14
0.020
0.060
1,960
EKZM250ESS821MJ20S
1,000
10 B 25
0.14
0.018
0.054
2,250
EKZM250ESS102MJ25S
1,500
12.5 B 20
0.14
0.017
0.043
2,480
EKZM250ESS152MK20S
1,800
12.5 B 25
0.14
0.015
0.038
2,900
EKZM250ESS182MK25S
2,200
12.5 B 30
0.16
0.013
0.033
3,450
EKZM250ESS222MK30S
2,200
16 B 20
0.16
0.015
0.038
3,250
EKZM250ESS222ML20S
2,700
12.5 B 35
0.16
0.012
0.031
3,570
EKZM250ESS272MK35S
3,300
16 B 25
0.18
0.013
0.035
3,630
EKZM250ESS332ML25S
3,900
18 B 25
0.18
0.012
0.031
3,650
EKZM250ESS392MM25S
35
47
5 B 11
0.12
0.22
0.80
345
EKZM350ESS470ME11D
100
6.3 B 11
0.12
0.094
0.35
540
EKZM350ESS101MF11D
220
8 B 11.5
0.12
0.056
0.19
945
EKZM350ESS221MHB5D
270
8 B 15
0.12
0.045
0.15
1,250
EKZM350ESS271MH15D
330
10 B 12.5
0.12
0.039
0.14
1,330
EKZM350ESS331MJC5S
390
8 B 20
0.12
0.029
0.11
1,500
EKZM350ESS391MH20D
470
10 B 16
0.12
0.028
0.10
1,760
EKZM350ESS471MJ16S
560
10 B 20
0.12
0.020
0.060
1,960
EKZM350ESS561MJ20S
680
10 B 25
0.12
0.018
0.054
2,250
EKZM350ESS681MJ25S
1,000
12.5 B 20
0.12
0.017
0.043
2,480
EKZM350ESS102MK20S
1,200
12.5 B 25
0.12
0.015
0.038
2,900
EKZM350ESS122MK25S
1,500
12.5 B 30
0.12
0.013
0.033
3,450
EKZM350ESS152MK30S
1,500
16 B 20
0.12
0.015
0.038
3,250
EKZM350ESS152ML20S
1,800
12.5 B 35
0.12
0.012
0.031
3,570
EKZM350ESS182MK35S
2,200
16 B 25
0.14
0.013
0.035
3,630
EKZM350ESS222ML25S
2,700
18 B 25
0.14
0.012
0.031
3,650
EKZM350ESS272MM25S
50
27
5 B 11
0.10
0.34
1.18
238
EKZM500ESS270ME11D
56
6.3 B 11
0.10
0.14
0.50
385
EKZM500ESS560MF11D
100
8 B 11.5
0.10
0.074
0.22
724
EKZM500ESS101MHB5D
120
8 B 15
0.10
0.061
0.18
950
EKZM500ESS121MH15D
150
10 B 12.5
0.10
0.061
0.18
979
EKZM500ESS151MJC5S
180
8 B 20
0.10
0.046
0.14
1,190
EKZM500ESS181MH20D
220
10 B 16
0.10
0.042
0.12
1,370
EKZM500ESS221MJ16S
270
10 B 20
0.10
0.030
0.090
1,580
EKZM500ESS271MJ20S
330
10 B 25
0.10
0.028
0.085
1,870
EKZM500ESS331MJ25S
470
12.5 B 20
0.10
0.027
0.068
2,050
EKZM500ESS471MK20S
560
12.5 B 25
0.10
0.023
0.059
2,410
EKZM500ESS561MK25S
680
12.5 B 30
0.10
0.021
0.052
2,860
EKZM500ESS681MK30S
820
12.5 B 35
0.10
0.019
0.051
2,960
EKZM500ESS821MK35S
820
16 B 20
0.10
0.023
0.059
2,730
EKZM500ESS821ML20S
1,000
16 B 25
0.10
0.021
0.056
3,010
EKZM500ESS102ML25S
1,500
18 B 25
0.10
0.019
0.051
3,290
EKZM500ESS152MM25S
(3/3)



Html Pages

1 2 3 4