Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EKZM350ESS331MJC5S Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

No. de pieza EKZM350ESS331MJC5S
Descripción Electrónicos  Low impedance, 105C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHEMI-CON [United Chemi-Con, Inc.]
Página de inicio  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKZM350ESS331MJC5S Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EKZM350ESS331MJC5S Datasheet HTML 1Page - United Chemi-Con, Inc. EKZM350ESS331MJC5S Datasheet HTML 2Page - United Chemi-Con, Inc. EKZM350ESS331MJC5S Datasheet HTML 3Page - United Chemi-Con, Inc. EKZM350ESS331MJC5S Datasheet HTML 4Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, 105C
CAT. No. E1001K
WV
(Vdc)
Cap
(mF)
Case size
fDBL(mm)
tane
Impedance
(omax/100kHz)
Rated ripple current
(mArms/105c,100kHz)
Part No.
20c
-10c
6.3
220
5 B 11
0.22
0.22
0.80
345
EKZM6R3ESS221ME11D
470
6.3 B 11
0.22
0.094
0.35
540
EKZM6R3ESS471MF11D
820
8 B 11.5
0.22
0.056
0.19
945
EKZM6R3ESS821MHB5D
1,200
8 B 15
0.22
0.045
0.15
1,250
EKZM6R3ESS122MH15D
1,200
10 B 12.5
0.22
0.039
0.14
1,330
EKZM6R3ESS122MJC5S
1,500
8 B 20
0.22
0.029
0.11
1,500
EKZM6R3ESS152MH20D
1,800
10 B 16
0.22
0.028
0.10
1,760
EKZM6R3ESS182MJ16S
2,200
10 B 20
0.24
0.020
0.060
1,960
EKZM6R3ESS222MJ20S
2,700
10 B 25
0.24
0.018
0.054
2,250
EKZM6R3ESS272MJ25S
3,900
12.5 B 20
0.26
0.017
0.043
2,480
EKZM6R3ESS392MK20S
4,700
12.5 B 25
0.28
0.015
0.038
2,900
EKZM6R3ESS472MK25S
5,600
12.5 B 30
0.30
0.013
0.033
3,450
EKZM6R3ESS562MK30S
6,800
12.5 B 35
0.32
0.012
0.031
3,570
EKZM6R3ESS682MK35S
6,800
16 B 20
0.32
0.015
0.038
3,250
EKZM6R3ESS682ML20S
8,200
16 B 25
0.36
0.013
0.035
3,630
EKZM6R3ESS822ML25S
10,000
18 B 25
0.40
0.012
0.031
3,650
EKZM6R3ESS103MM25S
10
150
5 B 11
0.19
0.22
0.80
345
EKZM100ESS151ME11D
330
6.3 B 11
0.19
0.094
0.35
540
EKZM100ESS331MF11D
680
8 B 11.5
0.19
0.056
0.19
945
EKZM100ESS681MHB5D
1,000
8 B 15
0.19
0.045
0.15
1,250
EKZM100ESS102MH15D
1,000
10 B 12.5
0.19
0.039
0.14
1,330
EKZM100ESS102MJC5S
1,500
8 B 20
0.19
0.029
0.11
1,500
EKZM100ESS152MH20D
1,500
10 B 16
0.19
0.028
0.10
1,760
EKZM100ESS152MJ16S
1,800
10 B 20
0.19
0.020
0.060
1,960
EKZM100ESS182MJ20S
2,200
10 B 25
0.21
0.018
0.054
2,250
EKZM100ESS222MJ25S
3,300
12.5 B 20
0.23
0.017
0.043
2,480
EKZM100ESS332MK20S
3,900
12.5 B 25
0.23
0.015
0.038
2,900
EKZM100ESS392MK25S
4,700
12.5 B 30
0.25
0.013
0.033
3,450
EKZM100ESS472MK30S
4,700
16 B 20
0.25
0.015
0.038
3,250
EKZM100ESS472ML20S
5,600
12.5 B 35
0.27
0.012
0.031
3,570
EKZM100ESS562MK35S
6,800
16 B 25
0.29
0.013
0.035
3,630
EKZM100ESS682ML25S
8,200
18 B 25
0.33
0.012
0.031
3,650
EKZM100ESS822MM25S
16
100
5 B 11
0.16
0.22
0.80
345
EKZM160ESS101ME11D
220
6.3 B 11
0.16
0.094
0.35
540
EKZM160ESS221MF11D
470
8 B 11.5
0.16
0.056
0.19
945
EKZM160ESS471MHB5D
680
8 B 15
0.16
0.045
0.15
1,250
EKZM160ESS681MH15D
680
10 B 12.5
0.16
0.039
0.14
1,330
EKZM160ESS681MJC5S
1,000
8 B 20
0.16
0.029
0.11
1,500
EKZM160ESS102MH20D
1,000
10 B 16
0.16
0.028
0.10
1,760
EKZM160ESS102MJ16S
1,500
10 B 20
0.16
0.020
0.060
1,960
EKZM160ESS152MJ20S
1,800
10 B 25
0.16
0.018
0.054
2,250
EKZM160ESS182MJ25S
2,200
12.5 B 20
0.18
0.017
0.043
2,480
EKZM160ESS222MK20S
2,700
12.5 B 25
0.18
0.015
0.038
2,900
EKZM160ESS272MK25S
3,300
12.5 B 30
0.20
0.013
0.033
3,450
EKZM160ESS332MK30S
3,300
16 B 20
0.20
0.015
0.038
3,250
EKZM160ESS332ML20S
3,900
12.5 B 35
0.20
0.012
0.031
3,570
EKZM160ESS392MK35S
4,700
16 B 25
0.22
0.013
0.035
3,630
EKZM160ESS472ML25S
5,600
18 B 25
0.24
0.012
0.031
3,650
EKZM160ESS562MM25S
?STANDARD RATINGS
SS : Enter the appropriate lead forming or taping code.
(2/3)



Html Pages

1 2 3 4