Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STI12N65M5 Datasheet(PDF) 21 Page - STMicroelectronics

No. de pieza STI12N65M5
Descripción Electrónicos  N-channel 650 V, 0.39 Ohm, 8.5 A MDmesh V Power MOSFET DPAK, I2PAK, TO-220FP, TO-220, IPAK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI12N65M5 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STI12N65M5 Datasheet HTML 15Page - STMicroelectronics STI12N65M5 Datasheet HTML 16Page - STMicroelectronics STI12N65M5 Datasheet HTML 17Page - STMicroelectronics STI12N65M5 Datasheet HTML 18Page - STMicroelectronics STI12N65M5 Datasheet HTML 19Page - STMicroelectronics STI12N65M5 Datasheet HTML 20Page - STMicroelectronics STI12N65M5 Datasheet HTML 21Page - STMicroelectronics STI12N65M5 Datasheet HTML 22Page - STMicroelectronics STI12N65M5 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
STD/F/I/P/U12N65M5
Packaging mechanical data
Doc ID 15428 Rev 5
21/23
Figure 31.
Tape
Figure 32.
Reel
P1
A0
D1
P0
F
W
E
D
B0
K0
T
User direction of feed
P2
10 pitches cumulative
tolerance on tape +/- 0.2 mm
User direction of feed
R
Bending radius
Top cover
tape
AM08852v2
A
D
B
Full radius
G measured at hub
C
N
REEL DIMENSIONS
40mm min.
Access hole
At slot location
T
Tape slot
in core for
tape start 25 mm min.
width
AM08851v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23