Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

dsPIC33FJ64GS606 Datasheet(PDF) 18 Page - Microchip Technology

No. de pieza dsPIC33FJ64GS606
Descripción Electrónicos  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS606 Datasheet(HTML) 18 Page - Microchip Technology

Back Button dsPIC33FJ64GS606 Datasheet HTML 14Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 15Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 16Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 17Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 18Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 19Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 20Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 21Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 18
 2009-2012 Microchip Technology Inc.
FIGURE 1-1:
DEVICE BLOCK DIAGRAM
16
OSC1/CLKI
OSC2/CLKO
VDD, VSS
Timing
Generation
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Brown-out
Reset
FRC/LPRC
Oscillators
Regulator
Voltage
VCAP
IC1-4
I2C1/2
PORTA
Instruction
Decode and
Control
PCH PCL
16
Program Counter
16-Bit ALU
23
23
24
23
Instruction Reg
PCU
16 x 16
W Register Array
ROM Latch
16
EA MUX
16
16
8
Interrupt
Controller
PSV and Table
Data Access
Control Block
Stack
Control
Logic
Loop
Control
Logic
Address Latch
Program Memory
Data Latch
16
16
16
16
Data Latch
Address
Latch
16
X RAM
16
Y Data Bus
X Data Bus
DSP Engine
Divide Support
16
Control Signals
to Various Blocks
ADC1
Timers
PORTB
Address Generator Units
1-5
CNx
UART1/2
PWM
9 x 2
PORTC
SPI1,2
OC1-4
Analog
Comparator 1-4
Note:
Not all pins or features are implemented on all device pinout configurations. See pinout diagrams for the specific pins and features
present on each device.
ECAN1
QEI1,2
PORTD
PORTE
PORTF
PORTG
DMA
DMA
RAM
Controller
16
16
Data Latch
Address
Latch
Y RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com