Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

dsPIC33FJ64GS606 Datasheet(PDF) 85 Page - Microchip Technology

No. de pieza dsPIC33FJ64GS606
Descripción Electrónicos  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS606 Datasheet(HTML) 85 Page - Microchip Technology

Back Button dsPIC33FJ64GS606 Datasheet HTML 81Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 82Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 83Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 84Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 85Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 86Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 87Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 88Page - Microchip Technology dsPIC33FJ64GS606 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 456 page
background image
TABLE 4-34:
HIGH-SPEED 10-BIT ADC REGISTER MAP FOR dsPIC33FJ32GS606 AND dsPIC33FJ64GS606 DEVICES
File Name
SFR
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ADCON
0300
ADON
—ADSIDL SLOWCLK
—GSWTRG
—
FORM
EIE
ORDER
SEQSAMP ASYNCSAMP
—
ADCS<2:0>
0003
ADPCFG
0302 PCFG15 PCFG14 PCFG13
PCFG12
PCFG11 PCFG10
PCFG9
PCFG8
PCFG7
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
0000
ADSTAT
0306
—
—
—
P12RDY
—
—
—
—
P7RDY
P6RDY
P5RDY
P4RDY
P3RDY
P2RDY
P1RDY
P0RDY
0000
ADBASE
0308
ADBASE<15:1>
—
0000
ADCPC0
030A IRQEN1
PEND1 SWTRG1
TRGSRC1<4:0>
IRQEN0
PEND0
SWTRG0
TRGSRC0<4:0>
0000
ADCPC1
030C IRQEN3
PEND3 SWTRG3
TRGSRC3<4:0>
IRQEN2
PEND2
SWTRG2
TRGSRC2<4:0>
0000
ADCPC2
030E IRQEN5
PEND5 SWTRG5
TRGSRC5<4:0>
IRQEN4
PEND4
SWTRG4
TRGSRC4<4:0>
0000
ADCPC3
0310 IRQEN7
PEND7 SWTRG7
TRGSRC7<4:0>
IRQEN6
PEND6
SWTRG6
TRGSRC6<4:0>
0000
ADCPC6
0316
—
—
—
—
—
—
—
—
IRQEN12
PEND12
SWTRG12
TRGSRC12<4:0>
0000
ADCBUF0
0340
ADC Data Buffer 0
xxxx
ADCBUF1
0342
ADC Data Buffer 1
xxxx
ADCBUF2
0344
ADC Data Buffer 2
xxxx
ADCBUF3
0346
ADC Data Buffer 3
xxxx
ADCBUF4
0348
ADC Data Buffer 4
xxxx
ADCBUF5
034A
ADC Data Buffer 5
xxxx
ADCBUF6
034C
ADC Data Buffer 6
xxxx
ADCBUF7
034E
ADC Data Buffer 7
xxxx
ADCBUF8
0350
ADC Data Buffer 8
xxxx
ADCBUF9
0352
ADC Data Buffer 9
xxxx
ADCBUF10 0354
ADC Data Buffer 10
xxxx
ADCBUF11 0356
ADC Data Buffer 11
xxxx
ADCBUF12 0358
ADC Data Buffer 12
xxxx
ADCBUF13 035A
ADC Data Buffer 13
xxxx
ADCBUF14 035C
ADC Data Buffer 14
xxxx
ADCBUF15 035E
ADC Data Buffer 15
xxxx
ADCBUF24 0370
ADC Data Buffer 24
xxxx
ADCBUF25 0372
ADC Data Buffer 25
xxxx
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com