| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F102xB Datasheet(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F102xB Datasheet(HTML) 58 Page - STMicroelectronics |
|
58 / 76 page ![]() Electrical characteristics STM32F102x8, STM32F102xB 58/76 Doc ID 15056 Rev 4 Figure 26. I2C bus AC waveforms and measurement circuit(1) 1. Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD. Table 40. SCL frequency (fPCLK1= 24 MHz, VDD = 3.3 V) (1)(2) 1. RP = External pull-up resistance, fSCL = I 2C speed, 2. For speeds around 200 kHz, the tolerance on the achieved speed is of ±5%. For other speed ranges, the tolerance on the achieved speed ±2%. These variations depend on the accuracy of the external components used to design the application. fSCL (kHz) I2C_CCR value RP = 4.7 kΩ 400 0x801E 300 0x8028 200 0x803C 100 0x00B4 50 0x0168 20 0x0384 ai14979b START SDA 100 Ω 4.7k Ω I²C bus 4.7k Ω 100 Ω VDD VDD STM32Fxx SDA SCL tf(SDA) tr(SDA) SCL th(STA) tw(SCLH) tw(SCLL) tsu(SDA) tr(SCL) tf(SCL) th(SDA) S TART REPEATED START tsu(STA) tsu(STO) STOP tw(STO:STA) |