| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F102xB Datasheet(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F102xB Datasheet(HTML) 54 Page - STMicroelectronics |
|
54 / 76 page ![]() Electrical characteristics STM32F102x8, STM32F102xB 54/76 Doc ID 15056 Rev 4 Figure 24. I/O AC characteristics definition 5.3.14 NRST pin characteristics The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up resistor, RPU (see Table 34). Unless otherwise specified, the parameters given in Table 37 are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 8. Figure 25. Recommended NRST pin protection ai14131 10% 90% 50% tr(IO)out OUTPUT EXT ERNAL ON 50pF Maximum fr equency is achieved if (tr + tf) 2/3)T and if the duty cycle is (45-55%) 10% 50% 90% when loaded by 50pF T tr(IO)out Table 37. NRST pin characteristics Symbol Parameter Conditions Min Typ Max Unit VIL(NRST) (1) 1. Guaranteed by design, not tested in production. NRST Input low level voltage –0.5 0.8 V VIH(NRST) (1) NRST Input high level voltage 2 VDD+0.5 Vhys(NRST) NRST Schmitt trigger voltage hysteresis 200 mV RPU Weak pull-up equivalent resistor(2) 2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series resistance must be minimum (~10% order) . VIN = VSS 30 40 50 k Ω VF(NRST) (1) NRST Input filtered pulse 100 ns VNF(NRST) (1) NRST Input not filtered pulse 300 ns ai14132c STM32Fxxx RPU NRST(2) VDD Filter Internal Reset 0.1 μF External reset circuit(1) |