Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OR4E2 Datasheet(PDF) 68 Page - Agere Systems

No. de pieza OR4E2
Descripción Electrónicos  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AGERE [Agere Systems]
Página de inicio  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 68 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 64Page - Agere Systems OR4E2 Datasheet HTML 65Page - Agere Systems OR4E2 Datasheet HTML 66Page - Agere Systems OR4E2 Datasheet HTML 67Page - Agere Systems OR4E2 Datasheet HTML 68Page - Agere Systems OR4E2 Datasheet HTML 69Page - Agere Systems OR4E2 Datasheet HTML 70Page - Agere Systems OR4E2 Datasheet HTML 71Page - Agere Systems OR4E2 Datasheet HTML 72Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 124 page
background image
68
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
FPGA Configuration Modes (continued)
5-5763(F)
Figure 42. Configuration Through MPI
POWER ON WITH
WRITE CONFIGURATION
READ STATUS REGISTER
INIT = 1?
NO
READ STATUS REGISTER
BIT STREAM ERROR?
DATA_RDY = 1?
WRITE DATA TO
DONE = 1?
DONE
ERROR
YES
YES
YES
NO
NO
YES
NO
VALID M[3:0]
CONTROL REGISTER BITS
CONFIGURATION DATA REG
WRITE CONFIGURATION
DATA REGISTER