Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OR4E2 Datasheet(PDF) 97 Page - Agere Systems

No. de pieza OR4E2
Descripción Electrónicos  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AGERE [Agere Systems]
Página de inicio  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 97 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 93Page - Agere Systems OR4E2 Datasheet HTML 94Page - Agere Systems OR4E2 Datasheet HTML 95Page - Agere Systems OR4E2 Datasheet HTML 96Page - Agere Systems OR4E2 Datasheet HTML 97Page - Agere Systems OR4E2 Datasheet HTML 98Page - Agere Systems OR4E2 Datasheet HTML 99Page - Agere Systems OR4E2 Datasheet HTML 100Page - Agere Systems OR4E2 Datasheet HTML 101Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
Lucent Technologies Inc.
97
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
432
BGA
Ball
VDDIO
Bank
VREF
Group
General-Purpose User I/O
Additional
Function
Pair
Differential
OR4E2
OR4E4
OR4E6
AK25
6
7
PB5C
PB6C
PB8C
D15
L13T_A0
TRUE
AJ22
6
8
PB7D
PB10D
PB12D
D22
L17C_D1
COMPLEMENT
AL23
6
8
PB7C
PB10C
PB12C
VREF_BL_08
L17T_D1
TRUE
AK23
6
8
PB7B
PB9D
PB11D
D21
L16C_D1
COMPLEMENT
AH22
6
8
PB7A
PB9C
PB11C
D20
L16T_D1
TRUE
AH20
6
9
PB9D
PB12D
PB14D
D25
L19C_D0
COMPLEMENT
AJ21
6
9
PB9C
PB12C
PB14C
VREF_BL_09
L19T_D0
TRUE
AL22
6
9
PB8D
PB11D
PB13D
D24
L18C_A0
COMPLEMENT
AK22
6
9
PB8C
PB11C
PB13C
D23
L18T_A0
TRUE
AJ19
6
10
PB11D
PB14D
PB18D
D28
L21C_D0
COMPLEMENT
AK20
6
10
PB11C
PB14C
PB18C
VREF_BL_10
L21T_D0
TRUE
AJ20
6
10
PB11B
PB14B
PB17D
—
COMPLEMENT
AL21
6
10
PB10D
PB13D
PB16D
D27
L20C_A0
COMPLEMENT
AK21
6
10
PB10C
PB13C
PB16C
D26
L20T_A0
TRUE
AJ18
6
11
PB12D
PB16D
PB20D
D31
L23C_D1
COMPLEMENT
AL19
6
11
PB12C
PB16C
PB20C
VREF_BL_11
L23T_D1
TRUE
AH18
6
11
PB12B
PB15D
PB19D
D30
L22C_D1
COMPLEMENT
AK19
6
11
PB12A
PB15C
PB19C
D29
L22T_D1
TRUE
AJ1
6
—
VSS
VSS
VSS
——
—
AJ2
6
—
VSS
VSS
VSS
——
—
AJ30
6
—
VSS
VSS
VSS
——
—
AJ31
6
—
VSS
VSS
VSS
——
—
AK1
6
—
VSS
VSS
VSS
——
—
AK29
6
—
VSS
VSS
VSS
——
—
AH19
6
—
VDDIO_BL
VDDIO_BL
VDDIO_BL
——
—
AJ25
6
—
VDDIO_BL
VDDIO_BL
VDDIO_BL
——
—
AH30
6
—
VDDIO_BL
VDDIO_BL
VDDIO_BL
——
—
AE29
6
—
VDDIO_BL
VDDIO_BL
VDDIO_BL
——
—
AH27
6
—
VDD33
VDD33
VDD33
——
—
AG28
6
—
VDD33
VDD33
VDD33
——
—
AH25
6
—
VDD15
VDD15
VDD15
——
—
AH28
6
—
VDD15
VDD15
VDD15
——
—
AH4
6
—
VDD15
VDD15
VDD15
——
—
AH7
6
—
VDD15
VDD15
VDD15
——
—
AJ29
6
—
VDD15
VDD15
VDD15
——
—
AH31
6
—
PTEMP
PTEMP
PTEMP
——
—
AH29
6
—
LVDS_R
LVDS_R
LVDS_R
——
—
M29
7
1
PL9D
PL13D
PL16D
VREF_7_01
L2C_D0
COMPLEMENT
N28
7
1
PL9C
PL13C
PL16C
D4
L2T_D0
TRUE
L30
7
1
PL8D
PL12D
PL14D
A15
L1C_A0
COMPLEMENT
L31
7
1
PL8C
PL12C
PL14C
A14
L1T_A0
TRUE
M30
7
2
PL9B
PL13B
PL17D
——
COMPLEMENT
N29
7
2
PL10D
PL14D
PL18D
RDY/BUSY/RCLK
L3C_A0
COMPLEMENT
N30
7
2
PL10C
PL14C
PL18C
VREF_7_02
L3T_A0
TRUE
Pin Information (continued)
Table 45.OR4E6 432-Pin EBGA (continued)