| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMP18FS Datasheet(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SMP18FS Datasheet(HTML) 3 Page - Analog Devices |
|
3 / 8 page ![]() SMP18 REV. C –3– PIN CONNECTIONS 14 13 12 11 16 15 10 9 8 1 2 3 4 7 6 5 TOP VIEW (Not to Scale) SMP18 CH4OUT CH0OUT CH1OUT CH2OUT VDD CH6OUT INPUT CH7OUT B CONTROL A CONTROL CH3OUT CH5OUT INH VSS DGND C CONTROL ORDERING GUIDE Temperature Package Package Model Range Description Option SMP18FP –40 °C to +85°C Plastic DIP N-16 SMP18FRU –40 °C to +85°C TSSOP-16 RU-16 SMP18FS –40 °C to +85°C SO-16 R-16A ABSOLUTE MAXIMUM RATINGS VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, 17 V VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, 17 V VLOGIC to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD VIN to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD VOUT to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD Analog Output Current . . . . . . . . . . . . . . . . . . . . . . . ±20 mA (Not short-circuit protected) Operating Temperature Range FP, FS . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40 °C to +85°C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150 °C Storage Temperature . . . . . . . . . . . . . . . . . . –65 °C to +150°C Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300 °C Package Type JA* JC Units 16-Pin Plastic DIP (P) 76 33 °C/W 16-Pin SOIC (S) 92 27 °C/W 16-Lead TSSOP (RU) 180 35 °C/W NOTES * θ JA is specified for worst case mounting conditions, i.e., θJA is specified for device in socket for plastic DIP packages; θ JA is specified for device soldered to printed circuit board for SOIC and TSSOP packages. WARNING! ESD SENSITIVE DEVICE CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the SMP18 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |