| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMP18FS Datasheet(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
SMP18FS Datasheet(HTML) 5 Page - Analog Devices |
|
5 / 8 page ![]() SMP18 REV. C –5– TEMPERATURE – °C 0 –8 –55 –35 125 –15 5 25 65 85 105 45 –1 –4 –5 –6 –7 –2 –3 VDD = +12V VSS = 0V VIN = +5V RL = 10kΩ Offset Voltage vs. Temperature VDD – Volts 14 2 46 18 8 10121416 12 10 8 6 4 VSS = 0V NO LOAD +85 °C +25 °C –40 °C Supply Current vs. VDD Typical Performance Characteristics– FREQUENCY – Hz 90 80 0 10 100 1M 1k 10k 100k 70 60 20 50 40 30 10 VDD = +12V VSS = 0V VIN = +6V TA = +25°C NO LOAD +PSRR –PSRR Sample Mode Power Supply Rejection FREQUENCY – Hz 2 1 –5 100 1k 10M 10k 100k 1M 0 –1 –2 –3 –4 90 45 –225 0 –45 –90 –135 –180 VDD = +6V VSS = –6V TA = +25°C NO LOAD GAIN PHASE Gain, Phase Shift vs. Frequency FREQUENCY – Hz 15 12 0 10k 100k 10M 1M 9 6 3 VDD = +6V VSS = –6V TA = +25°C NO LOAD Maximum Output Voltage vs. Frequency FREQUENCY – Hz 35 30 0 10 100 1M 1k 10k 100k 25 20 15 10 5 VDD = +12V VSS = 0V TA = +25°C NO LOAD Output Impedance vs. Frequency FREQUENCY – Hz 60 50 –10 10 100 1M 1k 10k 100k 40 30 20 10 0 VDD = +12V VSS = 0V TA = +25°C NO LOAD +PSRR HOLD CAPACITORS REFERENCED TO VSS –PSRR Hold Mode Power Supply Rejection |