Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSP2181 Datasheet(PDF) 31 Page - Analog Devices

No. de pieza ADSP2181
Descripción Electrónicos  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADSP2181 Datasheet HTML 24Page - Analog Devices ADSP2181 Datasheet HTML 25Page - Analog Devices ADSP2181 Datasheet HTML 26Page - Analog Devices ADSP2181 Datasheet HTML 27Page - Analog Devices ADSP2181 Datasheet HTML 28Page - Analog Devices ADSP2181 Datasheet HTML 29Page - Analog Devices ADSP2181 Datasheet HTML 30Page - Analog Devices ADSP2181 Datasheet HTML 31Page - Analog Devices ADSP2181 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
ADSP-2181
–31–
REV. D
PQFP Pin Configurations
PQFP
Pin
PQFP
Pin
PQFP
Pin
PQFP
Pin
Number
Name
Number
Name
Number
Name
Number
Name
1
PF0
33
PWD
65
EBR
97
D23
2
WR
34
IRQ2
66
BR
98
GND
3
RD
35
BMODE
67
EBG
99
IWR
4
IOMS
36
PWDACK
68
BG
100
IRD
5
BMS
37
IACK
69
VDD
101
IAD15
6
DMS
38
BGH
70
D0
102
IAD14
7
CMS
39
VDD
71
D1
103
IAD13
8
GND
40
GND
72
D2
104
IAD12
9VDD
41
IRQL0
73
D3
105
IAD11
10
PMS
42
IRQL1
74
D4
106
IAD10
11
A0
43
FL0
75
GND
107
IAD9
12
A1
44
FL1
76
D5
108
IAD8
13
A2
45
FL2
77
D6
109
IAD7
14
A3
46
DT0
78
D7
110
IAD6
15
A4
47
TFS0
79
D8
111
VDD
16
A5
48
RFS0
80
D9
112
GND
17
A6
49
DR0
81
D10
113
IAD5
18
A7
50
SCLK0
82
D11
114
IAD4
19
XTAL
51
DT1/FO
83
D12
115
IAD3
20
CLKIN
52
TFS1/
IRQ1
84
D13
116
IAD2
21
GND
53
RFS1/
IRQ0
85
D14
117
IAD1
22
CLKOUT
54
GND
86
GND
118
IAD0
23
GND
55
DR1/FI
87
VDD
119
PF7
24
VDD
56
SCLK1
88
GND
120
PF6
25
A8
57
ERESET
89
D15
121
PF5
26
A9
58
RESET
90
D16
122
PF4
27
A10
59
EMS
91
D17
123
GND
28
A11
60
EE
92
D18
124
IS
29
A12
61
ECLK
93
D19
125
IAL
30
A13
62
ELOUT
94
D20
126
PF3
31
IRQE
63
ELIN
95
D21
127
PF2
32
MMAP
64
EINT
96
D22
128
PF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32