Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSP2181 Datasheet(PDF) 29 Page - Analog Devices

No. de pieza ADSP2181
Descripción Electrónicos  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP2181 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADSP2181 Datasheet HTML 24Page - Analog Devices ADSP2181 Datasheet HTML 25Page - Analog Devices ADSP2181 Datasheet HTML 26Page - Analog Devices ADSP2181 Datasheet HTML 27Page - Analog Devices ADSP2181 Datasheet HTML 28Page - Analog Devices ADSP2181 Datasheet HTML 29Page - Analog Devices ADSP2181 Datasheet HTML 30Page - Analog Devices ADSP2181 Datasheet HTML 31Page - Analog Devices ADSP2181 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
ADSP-2181
–29–
REV. D
TQFP Pin Configurations
TQFP
Pin
TQFP
Pin
TQFP
Pin
TQFP
Pin
Number
Name
Number
Name
Number
Name
Number
Name
1
IAL
33
A12
65
ECLK
97
D19
2
PF3
34
A13
66
ELOUT
98
D20
3
PF2
35
IRQE
67
ELIN
99
D21
4
PF1
36
MMAP
68
EINT
100
D22
5
PF0
37
PWD
69
EBR
101
D23
6
WR
38
IRQ2
70
BR
102
GND
7
RD
39
BMODE
71
EBG
103
IWR
8
IOMS
40
PWDACK
72
BG
104
IRD
9
BMS
41
IACK
73
VDD
105
IAD15
10
DMS
42
BGH
74
D0
106
IAD14
11
CMS
43
VDD
75
D1
107
IAD13
12
GND
44
GND
76
D2
108
IAD12
13
VDD
45
IRQL0
77
D3
109
IAD11
14
PMS
46
IRQL1
78
D4
110
IAD10
15
A0
47
FL0
79
GND
111
IAD9
16
A1
48
FL1
80
D5
112
IAD8
17
A2
49
FL2
81
D6
113
IAD7
18
A3
50
DT0
82
D7
114
IAD6
19
A4
51
TFS0
83
D8
115
VDD
20
A5
52
RFS0
84
D9
116
GND
21
A6
53
DR0
85
D10
117
IAD5
22
A7
54
SCLK0
86
D11
118
IAD4
23
XTAL
55
DT1/F0
87
D12
119
IAD3
24
CLKIN
56
TFS1/
IRQ1
88
D13
120
IAD2
25
GND
57
RFS1/
IRQ0
89
D14
121
IAD1
26
CLKOUT
58
GND
90
GND
122
IAD0
27
GND
59
DR1/FI
91
VDD
123
PF7
28
VDD
60
SCLK1
92
GND
124
PF6
29
A8
61
ERESET
93
D15
125
PF5
30
A9
62
RESET
94
D16
126
PF4
31
A10
63
EMS
95
D17
127
GND
32
A11
64
EE
96
D18
128
IS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32