Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9901TQ/883 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD9901TQ/883
Descripción Electrónicos  Ultrahigh Speed Phase/Frequency Discriminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9901TQ/883 Datasheet(HTML) 4 Page - Analog Devices

  AD9901TQ/883 Datasheet HTML 1Page - Analog Devices AD9901TQ/883 Datasheet HTML 2Page - Analog Devices AD9901TQ/883 Datasheet HTML 3Page - Analog Devices AD9901TQ/883 Datasheet HTML 4Page - Analog Devices AD9901TQ/883 Datasheet HTML 5Page - Analog Devices AD9901TQ/883 Datasheet HTML 6Page - Analog Devices AD9901TQ/883 Datasheet HTML 7Page - Analog Devices AD9901TQ/883 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD9901
REV. B
–4–
TTL/CMOS MODE FUNCTIONAL PIN DESCRIPTIONS
GROUND
Ground connections for AD9901. Connect
all grounds together and to low impedance
ground plane as close to the device as
possible.
+VS
Positive supply connection; nominally +5.0 V
for TTL operation.
BIAS
Connect to +VS (+5 V) for TTL operation.
VCO INPUT
TTL compatible input; normally connected
to the VCO output signal. VCO INPUT and
REFERENCE INPUT are equivalent to one
another.
OUTPUT
The noninverted output. In TTL/CMOS
mode, the output swing is approximately
+3.2 V to +5 V.
RSET
External RSET connection. The current
through the RSET resistor is equal to the maxi-
mum full-scale output current. RSET should
be connected to ground through an external
resistor in TTL mode. ISET = 0.47 V/RSET =
ILOAD (max).
OUTPUT
The inverted output. In TTL/CMOS mode,
the output swing is approximately +3.2 V to
+5 V.
REFERENCE
TTL compatible input, normally connected
INPUT
to the reference input signal. The VCO
INPUT and the REFERENCE INPUT are
equivalent.
REG
RSET
AD9901
R1
OUTPUT
R2
+VS
+VS
REFERENCE
OUTPUT
OUTPUT
+VS
VCO
INPUT
BIAS
+VS
+VS
R3
Figure 1. TTL Mode (Based on DIP Pinouts)
ECL MODE FUNCTIONAL PIN DESCRIPTIONS
–VS
Negative supply connection, nominally
–5.2 V for ECL operation.
BIAS
Connect to –5.2 V for ECL operation.
VCO INPUT
Inverted side of ECL compatible differential
input, normally connected to the VCO output
signal.
VCO INPUT
Noninverted side of ECL-compatible
differential input, normally connected to the
VCO output signal.
OUTPUT
The noninverted output. In ECL mode, the
output swing is approximately 0 V to –1.8 V.
GROUND
Ground connections for AD9901. Connect
all grounds together and to low-impedance
ground plane as close to the device as
possible.
RSET
External RSET connection. The current
through the RSET resistor is equal to the maxi-
mum full-scale output current. RSET should
be connected to –VS through an external
resistor in ECL mode. ISET = 0.47 V/RSET =
ILOAD (max).
OUTPUT
The inverted output. In ECL mode, the out-
put swing is approximately 0 V to –1.8 V.
REFERENCE
Noninverted side of ECL-compatible
INPUT
differential input, normally connected to the
reference input signal. The VCO INPUT and
the REFERENCE INPUT are equivalent to
one another.
REFERENCE
Inverted side of ECL-compatible differential
INPUT
input, normally connected to the reference
input signal. The
VCO INPUT and the
REFERENCE INPUT are equivalent.
REG
RSET
AD9901
R1
OUTPUT
R2
–VS
REFERENCE
INPUT
OUTPUT
VCO
INPUT
BIAS
R3
REFERENCE
INPUT
–VS
–VS
VCO
INPUT
–VS
Figure 2. ECL Mode (Based on DIP Pinouts)



Html Pages

1 2 3 4 5 6 7 8