| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9901TQ/883 Datasheet(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9901TQ/883 Datasheet(HTML) 3 Page - Analog Devices |
|
3 / 8 page ![]() AD9901 REV. B –3– INPUT/OUTPUT EQUIVALENT CIRCUITS (Based on DIP Pinouts) TTL Input ECL Input Output DIE LAYOUT AND MECHANICAL INFORMATION REFERENCE IN (–VS)+VS (GND) OUTPUT RSET GND (–VS) +VS (GND) OUTPUT VCO IN (–VS) GND (VCO IN) GND ( VCO IN) VS (–VS) GND (–VS) GND ( REFERENCE IN) GND (REFERENCE IN ) Die Dimensions . . . . . . . . . . . . . . . . . 63 × 118 × 16 (±2) mils Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 × 4 mils Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Nitride Die Attach . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold Eutectic Bond Wire . . . . . . . . 1.25 mil Aluminum; Ultrasonic Bonding ORDERING GUIDE Temperature Package Package Model Ranges Descriptions Options AD9901KQ 0 °C to +70°C 14-Lead Cerdip Q-14 AD9901KP 0 °C to +70°C 20-Lead Plastic Leaded Chip Carrier P-20A AD9901TQ/883 1 –55 °C to +125°C 14-Lead Cerdip Q-14 AD9901TE/883 1 –55 °C to +125°C 20-Terminal Ceramic Leadless Chip Carrier E-20A NOTE 1For specifications, refer to Analog Devices Military Products Databook. AD9901 BURN-IN CIRCUIT (Based on DIP ECL Pinouts) REG VMID 1k 180 DA3 DA2 VMID 1k 180 50 0.01 F –VS (–5.2V) AD9901 ECL HIGH ECL LOW DA2 ECL HIGH ECL LOW DA3 ALL RESISTORS 5% ALL CAPACITORS 20% ALL SUPPLY VOLTAGES 5% VMID = –1.3V 5% STATIC: DA2 = ECL HIGH; DA3 = ECL LOW DYNAMIC: ECL HIGH 5/12 +5.0V VCO/REF, INPUT 4/13 3/14 –5.2V VCO/REF, INPUT VCO/REF, INPUT 0.47V REFERENCE TTL MODE = GROUND ECL MODE = VS (–5.2V) RSET TTL MODE = +VS (+5.0V) ECL MODE = GROUND |