Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

22017 Datasheet(PDF) 75 Page - ITT Industries

No. de pieza 22017
Descripción Electrónicos  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 75 Page - ITT Industries

Back Button 22017 Datasheet HTML 71Page - ITT Industries 22017 Datasheet HTML 72Page - ITT Industries 22017 Datasheet HTML 73Page - ITT Industries 22017 Datasheet HTML 74Page - ITT Industries 22017 Datasheet HTML 75Page - ITT Industries 22017 Datasheet HTML 76Page - ITT Industries 22017 Datasheet HTML 77Page - ITT Industries 22017 Datasheet HTML 78Page - ITT Industries 22017 Datasheet HTML 79Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 120 page
background image
ARINC 404
DPX Accessories
Junction Shells
75
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
(DPXA ONLY)
DIECAST STRAIGHT JUNCTION SHELL
Style
(Right) DPXA
(Left) DPXA
(Right) DPX2
(Left) DPX2
1.281
(32.54)
1.781
(45.24)
1.375
(34.93)
.781
(19.84)
1.156
(29.36)
CABLE
ENTRY
2.312
(58.72)
2.312
(58.72)
1.156 (29.36)
1.062 (26.98)
.837 (21.26)
CABLE ENTRY
1.938 APPROX.
(49.23)
1.282
(32.56)
1.782 (45.26)
1.157 (29.39)
2.500
(63.50)
2.468 (62.69)
1.906 (48.41)
CABLE ENTRY
.932
(23.67)
1.406
(35.71)
1.281
(32.54)
CLINCH
NUTS
.406 APPROX.
(10.31)
.484 (12.29)
1.281 (32.54)
1.156
(29.36)
1.875 +_ .031
(47.63 +_ 0.79)
2.406 (61.11)
1.843 (46.81)
.937
(23.80)
1.906
(48.41)
1.906
(48.41)
CABLE ENTRY
3.406 (86.51)
2.843 (72.21)
.812
(20.62)
.125 R. TYP.
(3.18)
.187 R. TYP.
(4.75)
1.281 (32.54)
1.406 (35.71)
.125 R. TYP.
(3.18)
.187 R. TYP.
(4.75)
1.281
(32.54)
1.406 (35.71)
2.437
(61.90)
APPROX.
Part Number
20745-22
20745-23
20745-10
20745-11
Style
DPX2
Part Number
20745-12
Style
DPXA
DPX2
* DPX2 Junction Shells are also used on DPXB connectors.
Diecast junction shells may be used on DPXA connectors. They have 4-40 NC-2B tapped mounting holes for
attaching to the shell mounting hardware.
Conductive
DPXB-60-1 for 34 Shell
Conductive Dust Caps
025-0767-001
Protect Against
Static Electricity
Conductive
DPXA-59 for 33 Shells
025-0749-001
33
34
Part Number
20745-21
20745-8
Style
DPXA
Part Number
22017
Style
DPXA
Part Number
22017-2
Style
DPXA
Part Number
22017-1
(DPXA ONLY)
DIECAST STRAIGHT JUNCTION SHELL
STRAIGHT JUNCTION SHELL
90 Angle
90 ANGLE DPX2
JUNCTION SHELL (SIDE OUTLET)
(DPXA ONLY)
DIECAST 90 ANGLE JUNCTION SHELL
Dust Caps