| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
22017 Datasheet(PDF) 21 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 Datasheet(HTML) 21 Page - ITT Industries |
|
21 / 120 page ![]() ARINC 600 BKAD/E/F Cross Reference-Part Number/Customer-Use Drawing 21 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change COMPONENT PART NUMBER CUSTOMER USE DRAWING NUMBER COMPONENT PART NUMBER CUSTOMER USE DRAWING NUMBER COMPONENT PART NUMBER CUSTOMER USE DRAWING NUMBER 030-1975-009 030-1975-010 030-2259-000 030-2273-000 030-2280-000 030-2286-000 030-2356-000 030-2357-000 030-2358-000 031-1113-009 031-1113-010 031-1287-000 031-1302-000 031-1303-000 031-1308-000 031-1351-000 031-1351-001 031-1351-002 031-1351-003 031-1352-000 031-1252-000 031-1252-002 031-1352-003 143-1908-000 143-1908-001 143-1909-000 143-1909-001 143-1910-000 143-1910-001 143-1911-000 143-1911-001 143-1912-000 143-1912-001 143-1913-000 143-1913-001 143-1958-000 143-1958-002 143-1960-000 143-1960-002 143-2015-000 143-2015-001 143-2016-000 143-2016-001 143-2065-000 143-2066-000 143-2067-000 143-2068-000 143-2085-000 143-2085-001 143-2086-000 143-2086-001 249-1521-002 249-1522-009 249-1522-010 249-1554-002 249-1604-003 249-1604-004 249-2201-000 249-2202-000 249-5027-013 249-5027-015 249-5027-016 320-0051-000 320-1066-000 320-1066-001 320-1066-002 320-1066-003 320-1066-004 320-1066-005 320-1066-006 249-1521-002 249-1522-010 249-1522-010 249-1554-002 249-1604-003 249-1604-004 249-1521-002 249-1522-010 249-5027-013 249-5027-007 249-5027-016 1250Y 320-000-305 025-1121-001 025-1122-001 025-1123-001 025-1124-001 025-1155-001 025-1156-001 025-1157-001 025-1158-001 025-0000-054 (Conductive Only) 025-0000-055 (Conductive Only) 225-0000-014 225-0094-000 225-0095-000 225-0096-000 225-0097-000 225-0098-000 225-0099-000 225-1058-000 225-0072-000 225-0090-000 225-1013-000 225-1014-000 225-1015-000 225-0000-006 225-0090-000 225-0000-008 143-0000-081 143-0000-077 143-0000-080 143-0000-079 143-0000-078 1247Y 143-0000-079 249-1521-000 249-1522-000 249-1522-002 249-1554-000 249-1604-000 249-1604-001 249-1604-002 249-1882-000 1250Y 249-5027-008 249-5027-017 249-5027-000 249-5027-007 349-0000-306 249-1521-000 249-1522-000 249-1522-002 249-1554-000 249-1604-000 249-1604-001 249-1604-002 249-1882-000 249-1882-002 249-1885-002 249-5027-008 249-5027-017 249-5123-000 249-5123-001 349-1053-000 349-1053-001 349-1053-002 349-1053-003 349-1053-004 3491053-005 349-1053-006 349-1053-007 349-1053-008 349-1053-009 030-1975-009 030-1975-010 030-2259-000 030-2273-000 030-2280-000 030-2286-000 030-2356-000 030-2357-000 030-2358-000 031-1113-009 031-1113-010 031-1287-000 031-1302-000 031-1303-000 031-1308-000 031-0000-343 031-0000-344 021-0144-000 021-0144-001 021-0144-002 021-0144-003 021-0144-004 021-0144-006 021-0144-008 021-0144-011 021-0144-000 021-0144-001 021-0144-002 021-0144-003 021-0144-004 021-0144-006 021-0144-008 021-0144-011 349-0013-000 349-0014-000 349-0015-000 349-0016-000 349-1003-000 349-1009-000 349-0000-000 349-0000-001 349-0000-002 349-0000-001 349-000-301 249-1767-000 249-1767-001 249-1768-000 249-2203-000 249-1767-000 249-1767-001 249-1768-000 249-2203-000 143-1906-000 143-1906-001 143-1907-001 143-1907-001 143-0000-079 Contacts Replacement Coax Termination Kit Dust Caps Filler Plugs Sealing Plugs Replacement Coax Body Assembly Size #1 Coax Contacts Size #5 Coax Contacts Size #12 Shielded Contact Replaceable Inserts For part numbers not listed, consult ITT for applicable customer-use drawing. |