Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEM9SC Datasheet(PDF) 99 Page - ITT Industries

No. de pieza DEM9SC
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SC Datasheet(HTML) 99 Page - ITT Industries

Back Button DEM9SC Datasheet HTML 95Page - ITT Industries DEM9SC Datasheet HTML 96Page - ITT Industries DEM9SC Datasheet HTML 97Page - ITT Industries DEM9SC Datasheet HTML 98Page - ITT Industries DEM9SC Datasheet HTML 99Page - ITT Industries DEM9SC Datasheet HTML 100Page - ITT Industries DEM9SC Datasheet HTML 101Page - ITT Industries DEM9SC Datasheet HTML 102Page - ITT Industries DEM9SC Datasheet HTML 103Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
D Subminiature
C ommercial M icro D — M DSM
Locking/Latching Options
Jackscrew
Push/Pull
The jackscrew locking system is designed for applications which require a
secureconnection. Utilizethumbscrews whentheconnectors areinfrequently
unmated.
The push/pull latching system is designed for applications which require a
quickconnectanddisconnect. Aspringretentionmechanismlatches toa post
on the board side to prevent unintentional unmatings.
Z10 Jackpost
Z42 Jackpost
6,45
(.254)
#2-56 UNC
1,25 (.049)
3,18 (.125)
HE X
(AC R OS S F LAT S )
¯ 3,25
(.128)
6,45
(.254)
#2-56 UNC
1,25 (.049)
0,52 (.020)
Note: Two Jackposts supplied with boardside connectors.
Note: Two Jackposts supplied with boardside connectors.