Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEM9SC Datasheet(PDF) 81 Page - ITT Industries

No. de pieza DEM9SC
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SC Datasheet(HTML) 81 Page - ITT Industries

Back Button DEM9SC Datasheet HTML 77Page - ITT Industries DEM9SC Datasheet HTML 78Page - ITT Industries DEM9SC Datasheet HTML 79Page - ITT Industries DEM9SC Datasheet HTML 80Page - ITT Industries DEM9SC Datasheet HTML 81Page - ITT Industries DEM9SC Datasheet HTML 82Page - ITT Industries DEM9SC Datasheet HTML 83Page - ITT Industries DEM9SC Datasheet HTML 84Page - ITT Industries DEM9SC Datasheet HTML 85Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
80
D Subminiature
Combo D
Crimp Cable Connectors without Contacts (Sizes DA-DD)
Plug
Reader’s Resource
For contact cavity arrangements,
see page 222.
For panel cutouts, see page 221.
Part Numbers
Shell Size
Layout
Part Number
DA
7W2
DAA7W2PK87F0
DA
11W1
DAA11W1PK87F0
DA
3W3
DAA3W3PK87F0
DB
5W5
DBA5W5PK87F0
DB
9W4
DBA9W4PK87F0
DB
13W3
DBA13W3PK87F0
DB
17W2
DBA17W2PK87F0
DB
21W1
DBA21W1PK87F0
DC
8W8
DCA8W8PK87F0
DC
21WA4
DCA21WA4PK87F0
DC
25W3
DCA25W3PK87F0
DD
24W7
DDA24W7PK87F0
DD
36W4
DDA36W4PK87F0
Note: For crimp (Size 20) contacts and tooling, see pages 83 & 275.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
Engaging Face
L
K
10,92 (.430)
MAX
A
C
B
E
D
10
°