Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-025BH Datasheet(PDF) 4 Page - Soberton Inc.

No. de pieza ST-025BH
Descripción Electrónicos  Magnetic Transducer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOBERTON [Soberton Inc.]
Página de inicio  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-025BH Datasheet(HTML) 4 Page - Soberton Inc.

  ST-025BH_09 Datasheet HTML 1Page - Soberton Inc. ST-025BH_09 Datasheet HTML 2Page - Soberton Inc. ST-025BH_09 Datasheet HTML 3Page - Soberton Inc. ST-025BH_09 Datasheet HTML 4Page - Soberton Inc. ST-025BH_09 Datasheet HTML 5Page - Soberton Inc. ST-025BH_09 Datasheet HTML 6Page - Soberton Inc. ST-025BH_09 Datasheet HTML 7Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
E:MECHANICAL CHARACTERISTICS
4/7
No
Item
Test condition
Evaluation standard
1
Solderability
Lead terminal are immersed in rosin for 5 seconds and then
immersed in Solder bath of +260±5℃ for 3±0.5 second
2
Soldering Heat
Resistance
Lead terminal are immersed in soldering bath of +260±5℃
for3±0.5 Second.
3
Iron Soldering
Heat
Resistance
Lead terminal are soldering of +350±5℃, 2.5±0.5 Second.
90% min. lead
terminals shall be
wet with solder
No interference in
operation
4
Terminal
Mechanical
Strength
Apply the terminal with 9.8N(1kg) strength for 10±1 sec.
No damage and
cutting off
5
Vibration
The part shall be subjected to a vibration cycle of 10Hz to
55Hz to 10Hz in a period of 1 minute. Total peak amplitude
shall be 1.52mm(9.3G).The vibration test shall consist of 2
hours per axis in each three axes(X,Y,Z),Total 6 hours.
6
Drop test
The part only shall be dropped from a height of 75cm onto a
wooden board 1 times.
After the test the
part shall meet
specifications
without any damage
in appearance and
performance except
SPL. The SPL shall
be in ± 10 dBA
compared with
initial one.
100°C
Max.
250°C
220°C
200°C
150°C
Max. 10 sec.
40 ~ 60 sec.
60 ~ 120 sec.
Time(sec)
50°C
Temp.(° C)
* Reflow profile of lead-free
Recommendable reflow soldering condition is as follows.
Note 1: It is requested that reflow soldering should be executed after heat of product
goes down to normal temperature.
Note 2: Peak reflow temperature of 250°C Max.10 sec., with a maximum duration
of 40~60 sec. between 220°C and 250°C



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com