Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-025BH Datasheet(PDF) 3 Page - Soberton Inc.

No. de pieza ST-025BH
Descripción Electrónicos  Magnetic Transducer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SOBERTON [Soberton Inc.]
Página de inicio  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-025BH Datasheet(HTML) 3 Page - Soberton Inc.

  ST-025BH_09 Datasheet HTML 1Page - Soberton Inc. ST-025BH_09 Datasheet HTML 2Page - Soberton Inc. ST-025BH_09 Datasheet HTML 3Page - Soberton Inc. ST-025BH_09 Datasheet HTML 4Page - Soberton Inc. ST-025BH_09 Datasheet HTML 5Page - Soberton Inc. ST-025BH_09 Datasheet HTML 6Page - Soberton Inc. ST-025BH_09 Datasheet HTML 7Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
C:ENVIRONMENT TEST
3/7
No.
Item
Test condition
Evaluation standard
1
High temp. test
After being placed in a chamber at +85℃ for 96
hours.
2
Low temp. test
After being placed in a chamber at -30℃ for 96
hours.
3
Thermal shock
The part shall be subjected to 10 cycles. One
cycle shall consist of;
4
Temp. / Humidity Cycle
The part shall be subjected to 10 cycle and consist
of;
After the test the part
shall meet
specifications without
any degradation in
appearance and
performance except
SPL. after 4 hours at
+25℃, The SPL shall
be in ± 10 dBA
compared with initial
one.
D: RELIABILITY TEST
No.
Item
Test condition
Evaluation standard
1
Operating
life test
□ Applying rated voltage, rated frequency, square wave ,
1/2 duty cycle:
Ordinary temperature
The part shall be subjected to 96 hours at room
temperature.
After the test the part shall
meet specifications without
any degradation in
appearance and performance
except SPL. after 4 hours at
+25℃,The SPL shall be in ±
10 dBA compared with
initial one.
TEST CONDITION.
Standard Test Condition : a)Temperature: +5~+35℃ b)Humidity:45~85% c)Pressure: 860~1060mbar
Judgment Test Condition :a)Temperature:+25±2℃
b)Humidity:60~70% c)Pressure: 860~1060mbar
+70℃
+25℃
a
b
c
24hrs
3hrs
3hrs
12±0.5hrs
a, b: 90~98%RH
c: 80~98%RH
-30℃
+20℃
30 min
15 min
30 min
+20℃
15 min
+85℃



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com