Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD3003 Datasheet(PDF) 117 Page - Sony Corporation

No. de pieza CXD3003
Descripción Electrónicos  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 117 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 113Page - Sony Corporation CXD3003 Datasheet HTML 114Page - Sony Corporation CXD3003 Datasheet HTML 115Page - Sony Corporation CXD3003 Datasheet HTML 116Page - Sony Corporation CXD3003 Datasheet HTML 117Page - Sony Corporation CXD3003 Datasheet HTML 118Page - Sony Corporation CXD3003 Datasheet HTML 119Page - Sony Corporation CXD3003 Datasheet HTML 120Page - Sony Corporation CXD3003 Datasheet HTML 121Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 137 page
background image
– 117 –
CXD3003R
$3B (preset: $3B E0 50)
SFOX, SFO2, SFO1: FOK slice level
Default value: 011 (28/256
× VDD/2, VDD = supply voltage)
RFDC input conversion
SFOX
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
16/256
× VDD/2
20/256
× VDD/2
24/256
× VDD/2
28/256
× VDD/2
32/256
× VDD/2
40/256
× VDD/2
48/256
× VDD/2
56/256
× VDD/2
SFO2
0
1
0
1
0
1
0
1
SFO1
Slice level
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SFO2 SFO1 SDF2 SDF1 MAX2 MAX1 SFOX BTF D2V2 D2V1 D1V2 D1V1 RINT
0
0
0
∗: preset
∗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More