Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST49LF020 Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

No. de pieza SST49LF020
Descripción Electrónicos  2 Megabit LPC Flash
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF020 Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST49LF020 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST49LF020 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST49LF020 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST49LF020 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST49LF020 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST49LF020 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF020 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF020 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF020 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Advance Information
2 Megabit LPC Flash
SST49LF020
3
©2001 Silicon Storage Technology, Inc.
S71175-02-000
5/01
526
ory contents may become invalid due to data being altered
had been disrupted from an incomplete Erase or Program
operation.
Registers
There is one register available on the SST49LF020. The
General Purpose Inputs Register. This register appears
at its respective address location in the 4 GByte system
memory map.
General Purpose Inputs Register
The GPI_REG (General Purpose Inputs Register)
passes the state of GPI[4:0] pins at power-up on the
SST49LF020. It is recommended that the GPI[4:0] pins
be in the desired state before LFRAME# is brought low
for the beginning of the next bus cycle, and remain in that
state until the end of the cycle. There is no default value
since this is a pass-through register. The GPI register
appears at FFBC0100H in the 4 GBytes system memory
map. See General Purpose Inputs Register table for the
GPI_REG bits and function.
CE#
The CE# pin, enables and disables the SST49LF020, con-
trolling read and write access of the device. To enable the
SST49LF020, the CE# pin must be driven low one cycle
prior to LFRAME# being driven low. For write (erase or pro-
gram) cycles, the CE# pin must remain low during the inter-
nal programming. When CE# is high, the SST49LF020 is
placed in low-power standby-mode.
LFRAME#
The LFRAME# signifies the start of a frame or the termina-
tion of a broken frame. Asserting LFRAME# for one or
more clock cycle and driving a valid START value on
LAD[3:0] will initiate device operation. The device enters
standby mode when LFRAME# and CE# are high and no
internal operations is in progress.
Abort Mechanism
If LFRAME# is driven low for one or more clock cycles dur-
ing a LPC cycle, the cycle will be terminated and the device
will wait for the ABORT command. The host must drive the
LAD[3:0] with ‘1111b’ (ABORT command) to return the
device to the ready mode. If abort occurs during the inter-
nal write cycle, the data may be incorrectly programmed or
erased. It is required to wait for the Write operation to com-
plete prior to initiation of the abort command. It is recom-
mended to check the write status with Data# Polling (DQ7)
or Toggle Bit (DQ6) pins. One other option is to wait for the
fixed write time to expire.
GENERAL PURPOSE INPUTS REGISTER
Bit
Function
Pin#
32-PLCC
32-TSOP
7:5
Reserved
-
-
4
GPI[4]
Reads status of
general purpose input pin
30
7
3
GPI[3]
Reads status of
general purpose input pin
3
15
2
GPI[2]
Reads status of
general purpose input pin
416
1
GPI[1]
Reads status of
general purpose input pin
517
0
GPI[0]
Reads status of
general purpose input pin
618



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38