Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MBRF1640CT Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

No. de pieza MBRF1640CT
Descripción Electrónicos  Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DACHANG [Rugao Dachang Electronics Co., Ltd]
Página de inicio  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

MBRF1640CT Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  MBRF1640CT Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd MBRF1640CT Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
肖特基二极管
正向电流
16 A
MBRF
16150CT
150
150
105
3.5
150
16
0.75
0.10
310
SIYU R
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
Schottky Barrier Rectifier
Reverse Voltage 40 to 200 V
Forward Current 16A
最大正向电压
最大反向电流
TJ= 25℃
V
mA
pF
IR
Maximum forward voltage
Maximum reverse current
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
VF
IF =8A
大昌电子
DACHANG ELECTRONICS
RθJC
特征
Features
机械数据 Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
·低功耗高效率。
Low Power Loss,High Efficiency
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
典型结电容
VR = 4.0V, f = 1MHz
Type junction capacitance
Cj
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
15
TJ= 100℃
Unit:mm
ITO-220AB
·安装扭距: 推荐值 0.3牛*米 Mounting torque:Recommend 0.3 N*m
MBRF
16100CT
100
100
70
MBRF
1660CT
60
60
42
MBRF
1650CT
50
50
35
MBRF
1645CT
45
45
31
MBRF
1640CT
40
40
28
0.63
0.85
MBRF1640CT ...... MBRF16200CT
反向电压
40---200V
MBRF
16200CT
200
200
140
MBRF
16150CT
MBRF
16100CT
MBRF
1660CT
MBRF
1650CT
MBRF
1645CT
MBRF
1640CT
MBRF
16200CT
0.95
0.99
0.15
150
400
1.5


Número de pieza similar - MBRF1640CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rugao Dachang Electroni...
MBRF1640CT DACHANG-MBRF1640CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier
logo
Microdiode Semiconducto...
MBRF1640CT CHENDA-MBRF1640CT Datasheet
588Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MBRF1640CT ZSELEC-MBRF1640CT Datasheet
322Kb / 2P
16.0A SCHOTTKY BARRIER DIODE
logo
SAMYANG ELECTRONICS CO....
MBRF1640CT SAMYANG-MBRF1640CT Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
MBRF1640CT SUNMATE-MBRF1640CT Datasheet
1,013Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - MBRF1640CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rugao Dachang Electroni...
MBR840 DACHANG-MBR840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBR1040 DACHANG-MBR1040 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBR1040CT DACHANG-MBR1040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBR1640CT DACHANG-MBR1640CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A
MBR2040CT DACHANG-MBR2040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
MBRF840 DACHANG-MBRF840 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
MBRF1040 DACHANG-MBRF1040 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBRF2040CT DACHANG-MBRF2040CT Datasheet
135Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 20A
logo
First Silicon Co., Ltd
MBR6040PT FS-MBR6040PT Datasheet
393Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 40 to 200 Volts, Forward Current 60A
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com