Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMS570LS3137 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMS570LS3137
Descripción Electrónicos  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMS570LS3137 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 21Page - Texas Instruments TMS570LS3137 Datasheet HTML 22Page - Texas Instruments TMS570LS3137 Datasheet HTML 23Page - Texas Instruments TMS570LS3137 Datasheet HTML 24Page - Texas Instruments TMS570LS3137 Datasheet HTML 25Page - Texas Instruments TMS570LS3137 Datasheet HTML 26Page - Texas Instruments TMS570LS3137 Datasheet HTML 27Page - Texas Instruments TMS570LS3137 Datasheet HTML 28Page - Texas Instruments TMS570LS3137 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
Table 2-24. ZWT Enhanced High-End Timer Modules (N2HET) (continued)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
GIOA[2]/N2HET2[0]
C1
I/O
Pull Down
Programmable,
N2HET2
time
input
20uA
EMIF_ADDR[0]/N2HET2[1]
D4
capture
or
output
compare, or GIO.
GIOA[3]/N2HET2[2]
E1
Each
terminal
has
a
EMIF_ADDR[1]/N2HET2[3]
D5
suppression
filter
that
GIOA[6]/N2HET2[4]
H3
ignores
input
pulses
EMIF_BA[1]/N2HET2[5]
D16
smaller
than
a
programmable duration.
GIOA[7]/N2HET2[6]
M1
EMIF_nCS[0]/RTP_DATA[15]/N2HET2[7]
N17
N2HET1[01]/SPI4NENA/N2HET2[8]
V2
EMIF_nCS[3]/RTP_DATA[14]/N2HET2[9]
K17
N2HET1[03]/SPI4NCS[0]/N2HET2[10]
U1
EMIF_ADDR[6]/RTP_DATA[13]/NHET2[11]
C4
N2HET1[05]/SPI4SOMI/N2HET2[12]
V6
EMIF_ADDR[7]/RTP_DATA[12]/NHET2[13]
C5
N2HET1[07]/N2HET2[14]
T1
EMIF_ADDR[8]/RTP_DATA[11]/N2HET2[15]
C6
N2HET1[09]/N2HET2[16]
V7
N2HET1[11]/MIBSPI3NCS[4]/N2HET2[18]
E3
Copyright
© 2011, Texas Instruments Incorporated
Device Package and Terminal Functions
25
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More