Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28107 Datasheet(PDF) 18 Page - Intersil Corporation

No. de pieza ISL28107
Descripción Electrónicos  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL28107 Datasheet HTML 14Page - Intersil Corporation ISL28107 Datasheet HTML 15Page - Intersil Corporation ISL28107 Datasheet HTML 16Page - Intersil Corporation ISL28107 Datasheet HTML 17Page - Intersil Corporation ISL28107 Datasheet HTML 18Page - Intersil Corporation ISL28107 Datasheet HTML 19Page - Intersil Corporation ISL28107 Datasheet HTML 20Page - Intersil Corporation ISL28107 Datasheet HTML 21Page - Intersil Corporation ISL28107 Datasheet HTML 22Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
FN6631.3
September 9, 2010
FIGURE 49. SMALL SIGNAL TRANSIENT RESPONSE
VS = ±5V, ±15V, ±20V
FIGURE 50. POSITIVE OUTPUT OVERLOAD
RESPONSE TIME, VS = ±15V
FIGURE 51. NEGATIVE OUTPUT OVERLOAD
RESPONSE TIME, VS = ±15V
FIGURE 52. % OVERSHOOT vs LOAD CAPACITANCE,
VS = ±15V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C unless otherwise
specified. (Continued)
TIME (µs)
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0
5
10
15
20
25
30
35
40
RL = 2k, 10k
AV = 1
CL = 4pF
VOUT = 100mVP-P
VS = ±5V, ±15V, ±20V
TIME (µs)
-0.06
-0.02
0.02
0.06
0.10
0.14
0.18
0.22
0.26
0
20
40
60
80
100 120 140 160 180 200
-1
1
3
5
7
9
11
13
15
INPUT
OUTPUT
VS = ±15V
RL = 10k
AV = 100
CL = 4pF
Rf = 10k, Rg = 100
VIN = 200mVP-P
TIME (µs)
-0.26
-0.22
-0.18
-0.14
-0.10
-0.06
-0.02
0.02
0.06
0
20
40
60
80
100 120 140 160 180 200
-15
-13
-11
-9
-7
-5
-3
-1
1
INPUT
OUTPUT
VS = ±15V
RL = 10k
AV = 100
CL = 4pF
Rf = 10k, Rg = 100
VIN = 200mVP-P
CAPACITANCE (pF)
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1,000
10,000
OV
ER
SH
OO
T -
VS = ±15V
RL = 10k
AV = 1
VOUT = 100mVP-P
OV
ER
SH
OO
T +
ISL28107, ISL28207, ISL28407



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com