Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28107 Datasheet(PDF) 16 Page - Intersil Corporation

No. de pieza ISL28107
Descripción Electrónicos  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL28107 Datasheet HTML 12Page - Intersil Corporation ISL28107 Datasheet HTML 13Page - Intersil Corporation ISL28107 Datasheet HTML 14Page - Intersil Corporation ISL28107 Datasheet HTML 15Page - Intersil Corporation ISL28107 Datasheet HTML 16Page - Intersil Corporation ISL28107 Datasheet HTML 17Page - Intersil Corporation ISL28107 Datasheet HTML 18Page - Intersil Corporation ISL28107 Datasheet HTML 19Page - Intersil Corporation ISL28107 Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
FN6631.3
September 9, 2010
FIGURE 37. OPEN-LOOP GAIN, PHASE vs
FREQUENCY, RL = 10kΩ, CL = 10pF
FIGURE 38. OPEN-LOOP GAIN, PHASE vs
FREQUENCY, RL = 10kΩ, CL = 100pF
FIGURE 39. FREQUENCY RESPONSE vs CLOSED LOOP
GAIN
FIGURE 40. FREQUENCY RESPONSE vs FEEDBACK
RESISTANCE Rf/Rg
FIGURE 41. GAIN vs FREQUENCY vs RL
FIGURE 42. GAIN vs FREQUENCY vs RL
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C unless otherwise
specified. (Continued)
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m 1m 10m 100m 1
10 100
1k 10k 100k 1M 10M 100M
RL = 10k
SIMULATION
CL = 10pF
GAIN
PHASE
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m 1m 10m 100m 1
10 100
1k 10k 100k 1M 10M 100M
RL = 10k
SIMULATION
CL = 100pF
GAIN
PHASE
FREQUENCY (Hz)
100k
1M
10M
10
10k
1k
100
-20
-10
0
10
20
30
40
50
60
70
AV = 1
AV = 100
AV = 1000
V+ = ±20V
VOUT = 100mVP-P
CL = 4pF
RL = 10k
AV = 10
Rg = 1k, Rf = 100k
Rg = 100, Rf = 100k
Rg = OPEN, Rf = 0
Rg = 10k, Rf = 100k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-12
-10
-8
-6
-4
-2
0
2
4
6
8
Rf = Rg = 100
Rf = Rg = 10k
Rf = Rg = 1k
V+ = ±5V
RL = 10k
AV = +2
VOUT = 10mVP-P
CL = 4pF
Rf = Rg = 100k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
V+ = ±5V
AV = +1
VOUT = 10mVP-P
CL = 4pF
RL = 1k
RL = 499
RL = 10k
RL = 100k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
V+ = ±20V
AV = +1
VOUT = 100mVP-P
CL = 4pF
RL = 10k
RL = 100k
RL = 1k
RL = 499
ISL28107, ISL28207, ISL28407



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com