| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AP6507 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP6507 Datasheet(HTML) 1 Page - Diodes Incorporated |
|
1 / 13 page ![]() AP6507 500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER AP6507 Document number: DS33435 Rev. 2 - 2 1 of 13 www.diodes.com May 2011 © Diodes Incorporated Description The AP6507 is a 500kHz switching frequency internal compensated synchronous DCDC buck converter. It has integrated compensation, and low RDSON high and low side MOSFETs. The AP6507 enables continues load current of up to 3A with efficiency as high as 93%. The AP6507 features current mode control operation, which enables fast transient response times and easy loop stabilization. The AP6507 simplifies board layout and reduces space requirements with its high level of integration and minimal need for external components, making it ideal for distributed power architectures. The AP6507 is available in a standard Green SO-8EP package with exposed PAD for improved thermal performance and is RoHS compliant. Pin Assignments FB SW BST IN VCC EN GND ( Top View ) 1 2 3 4 8 7 6 5 SW SO-8EP Features • VIN 4.5V to 18V • VOUT adjustable to 0.8V • 500kHz switching frequency • Enable pin • Protection: o OCP o Thermal Shutdown • Lead Free Finish/ RoHS Compliant (Note 1) Applications • Gaming Consoles • TV sets and Monitors • Set Top Boxes • Distributed power systems • Home Audio • Consumer electronics Note: 1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html . Typical Application Circuit 40 50 60 70 80 90 100 0 2 1 3 LOAD CURRENT (A) Efficiency vs. Load Current V = 12V V = 5V IN IN V = 2.5V OUT |
Número de pieza similar - AP6507 |
|
Descripción similar - AP6507 |