Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AP6507 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza AP6507
Descripción Electrónicos  500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6507 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP6507 Datasheet HTML 1Page - Diodes Incorporated AP6507 Datasheet HTML 2Page - Diodes Incorporated AP6507 Datasheet HTML 3Page - Diodes Incorporated AP6507 Datasheet HTML 4Page - Diodes Incorporated AP6507 Datasheet HTML 5Page - Diodes Incorporated AP6507 Datasheet HTML 6Page - Diodes Incorporated AP6507 Datasheet HTML 7Page - Diodes Incorporated AP6507 Datasheet HTML 8Page - Diodes Incorporated AP6507 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP6507
500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6507
Document number: DS33435 Rev. 2 - 2
5 of 13
www.diodes.com
May 2011
© Diodes Incorporated
Typical Performance Graphs (VIN = 12V, VOUT = 1.2V, TA = +25°C, unless otherwise noted
1
1.05
1.1
1.15
1.2
1.25
1.3
0
5
10
15
20
INPUT VOLTAGE (V)
Quiescent Supply Current vs. Input Voltage
-1
1
3
5
7
9
11
13
0
5
10
15
20
INPUT VOLTAGE (V)
Shutdown Supply Current vs. Input Voltage
5.02
5.025
5.03
5.035
5.04
5.045
5.05
0
5
10
15
20
INPUT VOLTAGE (V)
V
Regulator Line Regulation
CC
-10
-20
0
20
10
30
50
40
60
80
70
90
TEMPERATURE (°C)
Current Limit vs. Temperature
7
6.6
6
5
6.8
6.2
6.4
5.6
5.8
5.2
5.4
V
= 12V
V
= 1.2V
IN
OUT
1.22
1.2205
1.221
1.2215
1.222
1.2225
1.223
1.2235
1.224
1.2245
1.225
0
5
10
15
20
25
INPUT VOLTAGE (V)
Line Regulation vs. Output Current
11.5
00.5
2.53
2
OUTPUT CURRENT (A)
Load Regulation vs. Output Current
V
= 5V
IN
V
= 12V
IN
1.208
1.21
1.204
1.206
1.2
1.202
1.196
1.198
1.192
1.194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13