Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRF1202 Datasheet(PDF) 3 Page - Microsemi Corporation

No. de pieza DRF1202
Descripción Electrónicos  MOSFET Driver Hybrid
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DRF1202 Datasheet(HTML) 3 Page - Microsemi Corporation

  DRF1202 Datasheet HTML 1Page - Microsemi Corporation DRF1202 Datasheet HTML 2Page - Microsemi Corporation DRF1202 Datasheet HTML 3Page - Microsemi Corporation DRF1202 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The Function (FN, pin 3) is the invert or non-invert select Pin, it is Internally held high.
DRF1202
The Test Circuit illustrated above was used to evaluate the DRF1202 (available as an evaluation Board DRF12XX / EVALSW.) The input
control signal is applied to the DRF1202 via IN(4) and SG(5) pins using RG188. This provides excellent noise immunity and control of the
signal ground currents.
The +V
DD inputs (2,6) are by-passed (C1,C2, C4-C9), this is in addition to the internal by-passing mentioned previously. The capacitors used
for this function must be capable of supporting the RMS currents and frequency of the gate load. R
L set for IDM at VDS max this load is used to
evaluate the output performance of the DRF1202.
Figure 2, DRF1202 Test Circuit
Truth Table *Referenced to SG
FN (pin 3)*
IN (pin 4)*
MOSFET
HIGH
HIGH
ON
HIGH
LOW
OFF
LOW
HIGH
OFF
LOW
LOW
ON



Html Pages

1 2 3 4