| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R5F52108ADFF Datasheet(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F52108ADFF Datasheet(HTML) 41 Page - Renesas Technology Corp |
|
41 / 92 page ![]() R01DS0041EJ0050 Rev.0.50 Page 41 of 90 Apr 15, 2011 RX210 Group 2. CPU Under development Preliminary document Specifications in this document are tentative and subject to change. 2.5.2 Access to I/O Registers The addresses of I/O registers are fixed, and this is regardless of whether the setting is for little endian or big endian. Accordingly, changes to the endian do not affect access to I/O registers. For the arrangements of I/O registers, refer to the descriptions of registers in the relevant sections. Table 2.9 8-Bit Read Operations when Little Endian has been Selected Operation Address of src Reading an 8-bit unit from address 0 Reading an 8-bit unit from address 1 Reading an 8-bit unit from address 2 Reading an 8-bit unit from address 3 Address 0 Transfer to LL — — — Address 1 — Transfer to LL — — Address 2 — — Transfer to LL — Address 3 — — — Transfer to LL Table 2.10 8-Bit Read Operations when Big Endian has been Selected Operation Address of src Reading an 8-bit unit from address 0 Reading an 8-bit unit from address 1 Reading an 8-bit unit from address 2 Reading an 8-bit unit from address 3 Address 0 Transfer to LL — — — Address 1 — Transfer to LL — — Address 2 — — Transfer to LL — Address 3 — — — Transfer to LL Table 2.11 8-Bit Write Operations when Little Endian has been Selected Operation Address of dest Writing an 8-bit unit to address 0 Writing an 8-bit unit to address 1 Writing an 8-bit unit to address 2 Writing an 8-bit unit to address 3 Address 0 Transfer from LL — — — Address 1 — Transfer from LL — — Address 2 — — Transfer from LL — Address 3 — — — Transfer from LL Table 2.12 8-Bit Write Operations when Big Endian has been Selected Operation Address of dest Writing an 8-bit unit to address 0 Writing an 8-bit unit to address 1 Writing an 8-bit unit to address 2 Writing an 8-bit unit to address 3 Address 0 Transfer from LL — — — Address 1 — Transfer from LL — — Address 2 — — Transfer from LL — Address 3 — — — Transfer from LL |