Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APTS050A0X Datasheet(PDF) 1 Page - Lineage Power Corporation

No. de pieza APTS050A0X
Descripción Electrónicos  GigaTLynxTM Non-isolated Power Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS050A0X Datasheet(HTML) 1 Page - Lineage Power Corporation

  APTS050A0X Datasheet HTML 1Page - Lineage Power Corporation APTS050A0X Datasheet HTML 2Page - Lineage Power Corporation APTS050A0X Datasheet HTML 3Page - Lineage Power Corporation APTS050A0X Datasheet HTML 4Page - Lineage Power Corporation APTS050A0X Datasheet HTML 5Page - Lineage Power Corporation APTS050A0X Datasheet HTML 6Page - Lineage Power Corporation APTS050A0X Datasheet HTML 7Page - Lineage Power Corporation APTS050A0X Datasheet HTML 8Page - Lineage Power Corporation APTS050A0X Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Preliminary Data Sheet
February 14, 2011
GigaTLynxTM Non-isolated Power Modules:
4.5Vdc – 14Vdc input; 0.7Vdc to 2Vdc, 50A Output
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA is a registered trademark of Canadian Standards Association.
VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS010-005 ver. 0.27
PDF name: APTS050A0X.pdf
Features
Compliant to RoHS EU Directive 2002/95/EC
(-Z versions)
Compliant to RoHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
Input voltage from 4.5Vdc to 14Vdc
Output voltage programmable from 0.7 Vdc to
2.0Vdc via external resistor
Output current up to 50A
Tunable control loop for fast transient response
True differential remote sense
Negative remote On/Off logic
Output voltage sequencing (EZ-SEQUENCE
TM)
Output over current protection (non-latching)
Over temperature protection
Monotonic startup under pre-bias conditions
Parallel operation with active current sharing
Small size and low profile:
33 mm x 22.9 mm x 10 mm (max.)
(1.3 in x 0.9 in x 0.393 in (max.))
Wide operating temperature range (-40°C to 85°C)
UL* 60950-1, 2
nd Ed. Recognized, CSAC22.2 No.
60950-1-07 Certified, and VDE
(EN60950-1, 2nd
Ed.) Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Applications
Distributed power architectures
Intermediate bus voltage applications
Industrial applications
Telecommunications equipment
Description
The GigaTLynx
TM series of power modules are non-isolated dc-dc converters that can deliver up to 50A of output
current. These modules operate over a wide range of input voltage (VIN = 4.5Vdc-14Vdc) and provide a precisely
regulated output voltage from 0.7Vdc to 2.0Vdc, programmable via an external resistor. Features include remote
On/Off, adjustable output voltage, over current and over temperature protection, output voltage sequencing and
paralleling. A new feature, the Tunable Loop
TM, allows the user to optimize the dynamic response of the converter
to match the load with reduced amount of output capacitance leading to savings on cost and PWB area.
Vout+
VIN
SENSE-
RTrim
VOUT
TRIM+
SENSE+
CTUNE
SEQ
RTUNE
TRIM-
+
CI2
Vin+
CO1
CI1
+
CO2
ON/OFF
MODULE
GND
PGOOD
SENSE-


Número de pieza similar - APTS050A0X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lineage Power Corporati...
APTS050A0X3 LINEAGEPOWER-APTS050A0X3 Datasheet
637Kb / 21P
GigaTLynxTM Non-isolated Power Modules: 4.5Vdc ??14Vdc input; 0.7Vdc to 2Vdc, 50A Output
APTS050A0X3-SRPHDZ LINEAGEPOWER-APTS050A0X3-SRPHDZ Datasheet
637Kb / 21P
GigaTLynxTM Non-isolated Power Modules: 4.5Vdc ??14Vdc input; 0.7Vdc to 2Vdc, 50A Output
APTS050A0X3-SRPHZ LINEAGEPOWER-APTS050A0X3-SRPHZ Datasheet
637Kb / 21P
GigaTLynxTM Non-isolated Power Modules: 4.5Vdc ??14Vdc input; 0.7Vdc to 2Vdc, 50A Output
More results

Descripción similar - APTS050A0X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lineage Power Corporati...
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
12V TLynxTM Non-Isolated DC-DC Power Modules
NSR040A0X LINEAGEPOWER-NSR040A0X_11 Datasheet
497Kb / 18P
Naos Raptor 40A Non-Isolated Power Modules
NSR050A0X432Z LINEAGEPOWER-NSR050A0X432Z Datasheet
464Kb / 15P
Naos Raptor 50A: Non-Isolated Power Modules
NSR060A0X LINEAGEPOWER-NSR060A0X_10 Datasheet
771Kb / 18P
Naos Raptor 60A: Non-Isolated Power Modules
NXA025A0X LINEAGEPOWER-NXA025A0X Datasheet
953Kb / 16P
NaOSTM NXA025 SIP Non-isolated Power Modules
APTS050A0X3 LINEAGEPOWER-APTS050A0X3 Datasheet
637Kb / 21P
GigaTLynxTM Non-isolated Power Modules: 4.5Vdc ??14Vdc input; 0.7Vdc to 2Vdc, 50A Output
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
power modules are non-isolated DC/DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com