Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6460TR Datasheet(PDF) 98 Page - STMicroelectronics

No. de pieza L6460TR
Descripción Electrónicos  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 94Page - STMicroelectronics L6460TR Datasheet HTML 95Page - STMicroelectronics L6460TR Datasheet HTML 96Page - STMicroelectronics L6460TR Datasheet HTML 97Page - STMicroelectronics L6460TR Datasheet HTML 98Page - STMicroelectronics L6460TR Datasheet HTML 99Page - STMicroelectronics L6460TR Datasheet HTML 100Page - STMicroelectronics L6460TR Datasheet HTML 101Page - STMicroelectronics L6460TR Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 139 page
background image
GPIO pins
L6460
98/139
Doc ID 17713 Rev 1
Hereafter are reported the detailed specifications for each GPIO.
To enable the functionality of the GPIO as output pin, the relative GpioOutEnable[14:0] bit
must be enabled in GpioOutEnable register.
Each GPIO could be configured by setting the appropriate GpioXMode[2:0] in the GpioCtrlX
register.
OpAmp2 Out
This pin can be used as operational amplifier 2 output.
ID 1
This pin is used to determine the SPI ID1 bit value.
ID 2
This pin is used to determine the SPI ID2 bit value.
Slave Control
This pin is used as slave control when the IC is configured as master.
Table 40.
Abbreviations (continued)
Abbreviation
Meaning