Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6460TR Datasheet(PDF) 72 Page - STMicroelectronics

No. de pieza L6460TR
Descripción Electrónicos  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 68Page - STMicroelectronics L6460TR Datasheet HTML 69Page - STMicroelectronics L6460TR Datasheet HTML 70Page - STMicroelectronics L6460TR Datasheet HTML 71Page - STMicroelectronics L6460TR Datasheet HTML 72Page - STMicroelectronics L6460TR Datasheet HTML 73Page - STMicroelectronics L6460TR Datasheet HTML 74Page - STMicroelectronics L6460TR Datasheet HTML 75Page - STMicroelectronics L6460TR Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 139 page
background image
Power bridges
L6460
72/139
Doc ID 17713 Rev 1
By means of MixDecPhA[4:0] and MixDecPhB[4:0] in StepCfg2 register, the percentage of
off time during which each phase will stay in fast decay mode could be programmed
according to Table 28.
10100
42
µs
10101
44
µs
10110
46
µs
10111
48
µs
11000
50
µs
11001
52
µs
11010
54
µs
11011
56
µs
11100
58
µs
11101
60
µs
11110
62
µs
11111
64
µs
Table 26.
Stepper off time (continued)
StepOffTime[4:0]
Off time
Unit
Typ