| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2STF2360 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STF2360 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() October 2009 Doc ID 13309 Rev 5 1/11 11 2STD2360 2STF2360 - 2STN2360 Low voltage fast-switching PNP power transistors Features ■ Very low collector-emitter saturation voltage ■ High current gain characteristic ■ Fast-switching speed Applications ■ Emergency lighting ■ LED ■ Voltage regulation ■ Relay drive Description The devices are PNP transistors manufactured using new “PB-HDC” (power bipolar high density current) technology. The resulting transistor shows exceptional high gain performances coupled with very low saturation voltage. The complementary NPN types are the 2STD1360T4, the 2STF1360 and the 2STN1360. Figure 1. Internal schematic diagram TO-252 (DPAK) 4 3 2 1 1 2 4 3 1 3 SOT-223 SOT-89 TAB Table 1. Device summary Order codes Marking Packages Packaging 2STD2360T4 D2360 DPAK Tape and reel 2STF2360 2360 SOT-89 Tape and reel 2STN2360 N2360 SOT-223 Tape and reel www.st.com |
Número de pieza similar - 2STF2360 |
|
Descripción similar - 2STF2360 |