| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSR09B554KM Datasheet(PDF) 18 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR09B554KM Datasheet(HTML) 18 Page - Kemet Corporation |
|
18 / 38 page ![]() KEMET T111 SERIES MIL-PRF-39003 (CSR91) CAPACITORS DASH NUMBER REFERENCE MAX. FAILURE RATE LEVEL (%/1000 HRS.) DISSI- D.C. PATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C 1.3 A 10 T111A135K015AS 0.3 4 0250 0470 0690 0910 3027 4027 5027 T213A135K015(1)S 1.6 A 10 T111A165K015AS 0.4 4 0251 0471 0691 0911 3028 4028 5028 T213A165K015(1)S 1.6 A 20 T111A165M015AS 0.4 4 0252 0472 0692 0912 3029 4029 5029 T213A165M015(1)S 9.0 B 10 T111B905K015AS 2.0 6 0253 0473 0693 0913 3030 4030 5030 T213B905K015(1)S 11.0 B 10 T111B116K015AS 2.0 6 0254 0474 0694 0914 3031 4031 5031 T213B116K015(1)S 11.0 B 20 T111B116M015AS 2.0 6 0255 0475 0695 0915 3032 4032 5032 T213B116M015(1)S 28.0 C 10 T111C286K015AS 4.0 6 0256 0476 0696 0916 3033 4033 5033 T213C286K015(1)S 34.0 C 10 T111C346K015AS 5.0 6 0257 0477 0697 0917 3034 4034 5034 T213C346K015(1)S 34.0 C 20 T111C346M015AS 5.0 6 0258 0478 0698 0918 3035 4035 5035 T213C346M015(1)S 60.0 D 10 T111D606K015AS 6.0 6 0259 0479 0699 0919 3036 4036 5036 T213D606K015(1)S 75.0 D 10 T111D756K015AS 10.0 6 0260 0480 0700 0920 3037 4037 5037 T213D756K015(1)S 75.0 D 20 T111D756M015AS 10.0 6 0261 0481 0701 0921 3038 4038 5038 T213D756M015(1)S 20 VOLT RATING AT 85°C — 13 VOLT RATING AT 125°C 0.6 A 10 T111A604K020AS 0.3 4 0262 0482 0702 0922 3039 4039 5039 T213A604K020(1)S 0.75 A 10 T111A754K020AS 0.3 4 0263 0483 0703 0923 3040 4040 5040 T213A754K020(1)S 0.75 A 20 T111A754M020AS 0.3 4 0264 0484 0704 0924 3041 4041 5041 T213A754M020(1)S 0.9 A 10 T111A904K020AS 0.3 4 0265 0485 0705 0925 3042 4042 5042 T213A904K020(1)S 1.1 A 10 T111A115K020AS 0.4 4 0266 0486 0706 0926 3043 4043 5043 T213A115K020(1)S 1.1 A 20 T111A115M020AS 0.4 4 0267 0487 0707 0927 3044 4044 5044 T213A115M020(1)S 4.1 B 10 T111B415K020AS 1.0 6 0268 0488 0708 0928 3045 4045 5045 T213B415K020(1)S 5.0 B 10 T111B505K020AS 1.0 6 0269 0489 0709 0929 3046 4046 5046 T213B505K020(1)S 5.0 B 20 T111B505M020AS 1.0 6 0270 0490 0710 0930 3047 4047 5047 T213B505M020(1)S 6.0 B 10 T111B605K020AS 1.0 6 0271 0491 0711 0931 3048 4048 5048 T213B605K020(1)S 7.5 B 10 T111B755K020AS 2.0 6 0272 0492 0712 0932 3049 4049 5049 T213B755K020(1)S 7.5 B 20 T111B755M020AS 2.0 6 0273 0493 0713 0933 3050 4050 5050 T213B755M020(1)S 13.0 C 10 T111C136K020AS 2.5 6 0274 0494 0714 0934 3051 4051 5051 T213C136K020(1)S 16.0 C 10 T111C166K020AS 3.0 6 0275 0495 0715 0935 3052 4052 5052 T213C166K020(1)S 16.0 C 20 T111C166M020AS 3.0 6 0276 0496 0716 0936 3053 4053 5053 T213C166M020(1)S 19.0 C 10 T111C196K020AS 3.0 6 0277 0497 0717 0937 3054 4054 5054 T213C196K020(1)S 23.0 C 10 T111C236K020AS 4.5 6 0278 0498 0718 0938 3055 4055 5055 T213C236K020(1)S 23.0 C 20 T111C236M020AS 4.5 6 0279 0499 0719 0939 3056 4056 5056 T213C236M020(1)S 28.0 D 10 T111D286K020AS 5.5 6 0280 0500 0720 0940 3057 4057 5057 T213D286K020(1)S 34.0 D 10 T111D346K020AS 6.0 6 0281 0501 0721 0941 3058 4058 5058 T213D346K020(1)S 34.0 D 20 T111D346M020AS 6.0 6 0282 0502 0722 0942 3059 4059 5059 T213D346M020(1)S 41.0 D 10 T111D416K020AS 6.0 6 0283 0503 0723 0943 3060 4060 5060 T213D416K020(1)S 50.0 D 10 T111D506K020AS 10.0 6 0284 0504 0724 0944 3061 4061 5061 T213D506K020(1)S 50.0 D 20 T111D506M020AS 10.0 6 0285 0505 0725 0945 3062 4062 5062 T213D506M020(1)S 35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C 2.8 B 10 T111B285K035AS 1.0 4 0289 0509 0729 0949 3063 4063 5063 T213B285K035(1)S 3.4 B 10 T111B345K035AS 1.5 4 0290 0510 0730 0950 3064 4064 5064 T213B345K035(1)S 3.4 B 20 T111B345M035AS 1.5 4 0291 0511 0731 0951 3065 4065 5065 T213B345M035(1)S 11.0 C 10 T111C116K035AS 4.0 4 0292 0512 0732 0952 3066 4066 5066 T213C116K035(1)S 11.0 C 20 T111C116M035AS 4.0 4 0293 0513 0733 0953 3067 4067 5067 T213C116M035(1)S 13.0 D 10 T111D136K035AS 4.5 4 0294 0514 0734 0954 3068 4068 5068 T213D136K035(1)S 16.0 D 10 T111D166K035AS 5.5 4 0295 0515 0735 0955 3069 4069 5069 T213D166K035(1)S 16.0 D 20 T111D166M035AS 5.5 4 0296 0516 0736 0956 3070 4070 5070 T213D166M035(1)S 19.0 D 10 T111D196K035AS 6.0 4 0297 0517 0737 0957 3071 4071 5071 T213D196K035(1)S 23.0 D 10 T111D236K035AS 8.0 4 0298 0518 0738 0958 3072 4072 5072 T213D236K035(1)S 23.0 D 20 T111D236M035AS 8.0 4 0299 0519 0739 0959 3073 4073 5073 T213D236M035(1)S 50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C 0.0023 A 10 T111A232K050AS 0.1 2 1171 1241 1311 1381 3074 4074 5074 T213A232K050(1)S 0.0023 A 20 T111A232M050AS 0.1 2 1172 1242 1312 1382 3075 4075 5075 T213A232M050(1)S 0.0028 A 10 T111A282K050AS 0.1 2 1173 1243 1313 1383 3076 4076 5076 T213A282K050(1)S 0.0034 A 10 T111A342K050AS 0.1 2 1174 1244 1314 1384 3077 4077 5077 T213A342K050(1)S 0.0034 A 20 T111A342M050AS 0.1 2 1175 1245 1315 1385 3078 4078 5078 T213A342M050(1)S 0.0041 A 10 T111A412K050AS 0.1 2 1176 1246 1316 1386 3079 4079 5079 T213A412K050(1)S 0.005 A 10 T111A502K050AS 0.1 2 1177 1247 1317 1387 3080 4080 5080 T213A502K050(1)S 0.005 A 20 T111A502M050AS 0.1 2 1178 1248 1318 1388 3081 4081 5081 T213A502M050(1)S 0.006 A 10 T111A602K050AS 0.1 2 1179 1249 1319 1389 3082 4082 5082 T213A602K050(1)S 0.0075 A 10 T111A752K050AS 0.1 2 1180 1250 1320 1390 3083 4083 5083 T213A752K050(1)S 0.0075 A 20 T111A752M050AS 0.1 2 1181 1251 1321 1391 3084 4084 5084 T213A752M050(1)S 0.009 A 10 T111A902K050AS 0.1 2 1182 1252 1322 1392 3085 4085 5085 T213A902K050(1)S 0.011 A 10 T111A113K050AS 0.1 2 1183 1253 1323 1393 3086 4086 5086 T213A113K050(1)S 0.011 A 20 T111A113M050AS 0.1 2 1184 1254 1324 1394 3087 4087 5087 T213A113M050(1)S 0.013 A 10 T111A133K050AS 0.1 2 1185 1255 1325 1395 3088 4088 5088 T213A133K050(1)S 0.016 A 10 T111A163K050AS 0.1 2 1186 1256 1326 1396 3089 4089 5089 T213A163K050(1)S KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 21 TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T111 SERIES — NON-POLAR & T213 (CSR91) RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/4C EXPONENTIAL MIL-PRF-39003/4C GRADED (1) To complete T213 Series Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 6. |