| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSR09B554KM Datasheet(PDF) 13 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR09B554KM Datasheet(HTML) 13 Page - Kemet Corporation |
|
13 / 38 page ![]() KEMET T110 MIL-PRF-39003 (CSR13) CAPACITORS DASH NUMBER REFERENCE FAILURE RATE LEVEL (%/1000 HRS.) MAX. D.C. DISSIPATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 75 VOLT RATING AT 85°C — 50 VOLT RATING AT 125°C (Cont’d) 2.2 B 20 T110B225M075AS 0.8 4 2407 2647 2887 3127 6278 7278 8278 T212B225M075(2)S 2.7 B 5 T110B275J075AS 1.0 4 5112 5312 5512 5712 6279 7279 8279 T212B275J075(2)S 2.7 B 10 T110B275K075AS 1.0 4 2408 2648 2888 3128 6280 7280 8280 T212B275K075(2)S 2.7 B 20 T110B275M075AS 1.2 4 3.3 B 5 T110B335J075AS 1.2 4 5113 5313 5513 5713 6281 7281 8281 T212B335J075(2)S 3.3 B 10 T110B335K075AS 1.2 4 2409 2649 2889 3129 6282 7282 8282 T212B335K075(2)S 3.3 B 20 T110B335M075AS 1.2 4 2410 2650 2890 3130 6283 7283 8283 T212B335M075(2)S 3.9 B 5 T110B395J075AS 1.5 4 5114 5314 5514 5714 6284 7284 8284 T212B395J075(2)S 3.9 B 10 T110B395K075AS 1.5 4 2411 2651 2891 3131 6285 7285 8285 T212B395K075(2)S 3.9 B 20 T110B395M075AS 1.5 4 4.7 C 5 T110C475J075AS 3.0 4 5115 5315 5515 5715 6286 7286 8286 T212C475J075(2)S 4.7 C 10 T110C475K075AS 3.0 4 2412 2652 2892 3132 6287 7287 8287 T212C475K075(2)S 4.7 C 20 T110C475M075AS 3.0 4 2413 2653 2893 3133 6288 7288 8288 T212C475M075(2)S 5.6 C 5 T110C565J075AS 3.0 4 5116 5316 5516 5716 6289 7289 8289 T212C565J075(2)S 5.6 C 10 T110C565K075AS 3.0 4 2414 2654 2894 3134 6290 7290 8290 T212C565K075(2)S 5.6 C 20 T110C565M075AS 3.0 4 6.8 C 5 T110C685J075AS 5.0 4 5117 5317 5517 5717 6291 7291 8291 T212C685J075(2)S 6.8 C 10 T110C685K075AS 5.0 4 2415 2655 2895 3135 6292 7292 8292 T212C685K075(2)S 6.8 C 20 T110C685M075AS 5.0 4 2416 2656 2896 3136 6293 7293 8293 T212C685M075(2)S 8.2 C 5 T110C825J075AS 5.0 4 5118 5318 5518 5718 6294 7294 8294 T212C825J075(2)S 8.2 C 10 T110C825K075AS 5.0 4 2417 2657 2897 3137 6295 7295 8295 T212C825K075(2)S 8.2 C 20 T110C825M075AS 5.0 4 10.0 C 5 T110C106J075AS 5.0 4 5119 5319 5519 5719 6296 7296 8296 T212C106J075(2)S 10.0 C 10 T110C106K075AS 5.0 4 2418 2658 2898 3138 6297 7297 8297 T212C106K075(2)S 10.0 C 20 T110C106M075AS 5.0 4 2419 2659 2899 3139 6298 7298 8298 T212C106M075(2)S 12.0 D 5 T110D126J075AS 5.0 4 5120 5320 5520 5720 6299 7299 8299 T212D126J075(2)S 12.0 D 10 T110D126K075AS 5.0 4 2420 2660 2900 3140 6300 7300 8300 T212D126K075(2)S 12.0 D 20 T110D126M075AS 5.0 4 15.0 D 5 T110D156J075AS 7.0 4 5121 5321 5521 5721 6301 7301 8301 T212D156J075(2)S 15.0 D 10 T110D156K075AS 7.0 4 2421 2661 2901 3141 6302 7302 8302 T212D156K075(2)S 15.0 D 20 T110D156M075AS 7.0 4 2422 2662 2902 3142 6303 7303 8303 T212D156M075(2)S 100 VOLT RATING AT 85°C — 67 VOLT RATING AT 125° 0.0047 A 5 T110A472J100AS 0.3 2 5122 5322 5522 5722 6304 7304 * T212A472J100(2)S 0.0047 A 10 T110A472K100AS 0.3 2 2423 2663 2903 3143 6305 7305 * T212A472K100(2)S 0.0047 A 20 T110A472M100AS 0.3 2 2424 2664 2904 3144 6306 7306 * T212A472M100(2)S 0.0056 A 5 T110A562J100AS 0.3 2 5123 5323 5523 5723 6307 7307 * T212A562J100(2)S 0.0056 A 10 T110A562K100AS 0.3 2 2425 2665 2905 3145 6308 7308 * T212A562K100(2)S 0.0056 A 20 T110A562M100AS 0.3 2 0.0068 A 5 T110A682J100AS 0.3 2 5124 5324 5524 5724 6309 7309 * T212A682J100(2)S 0.0068 A 10 T110A682K100AS 0.3 2 2426 2666 2906 3146 6310 7310 * T212A682K100(2)S 0.0068 A 20 T110A682M100AS 0.3 2 2427 2667 2907 3147 6311 7311 * T212A682M100(2)S 0.0082 A 5 T110A822J100AS 0.3 2 5125 5325 5525 5725 6312 7312 * T212A822J100(2)S 0.0082 A 10 T110A822K100AS 0.3 2 2428 2668 2908 3148 6313 7313 * T212A822K100(2)S 0.0082 A 20 T110A822M100AS 0.3 2 0.01 A 5 T110A103J100AS 0.3 2 5126 5326 5526 5726 6314 7314 * T212A103J100(2)S 0.01 A 10 T110A103K100AS 0.3 2 2429 2669 2909 3149 6315 7315 * T212A103K100(2)S 0.01 A 20 T110A103M100AS 0.3 2 2430 2670 2910 3150 6316 7316 * T212A103M100(2)S 0.012 A 5 T110A123J100AS 0.3 2 5127 5327 5527 5727 6317 7317 * T212A123J100(2)S 0.012 A 10 T110A123K100AS 0.3 2 2431 2671 2911 3151 6318 7318 * T212A123K100(2)S 0.012 A 20 T110A123M100AS 0.3 2 0.015 A 5 T110A153J100AS 0.3 2 5128 5328 5528 5728 6319 7319 * T212A153J100(2)S 0.015 A 10 T110A153K100AS 0.3 2 2432 2672 2912 3152 6320 7320 * T212A153K100(2)S 0.015 A 20 T110A153M100AS 0.3 2 2433 2673 2913 3153 6321 7321 * T212A153M100(2)S 0.018 A 5 T110A183J100AS 0.3 2 5129 5329 5529 5729 6322 7322 * T212A183J100(2)S 0.018 A 10 T110A183K100AS 0.3 2 2434 2674 2914 3154 6323 7323 * T212A183K100(2)S 0.018 A 20 T110A183M100AS 0.3 2 0.022 A 5 T110A223J100AS 0.3 2 5130 5330 5530 5730 6324 7324 * T212A223J100(2)S 0.022 A 10 T110A223K100AS 0.3 2 2435 2675 2915 3155 6325 7325 * T212A223K100(2)S TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T110 SERIES — POLAR TYPE & T212 (CSR13) 16 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/1H EXPONENTIAL MIL-PRF-39003/1H GRADED (1) To complete T110 Series part number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6. (2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character. Bold Face lines indicate popular part types and values. *Note: D Failure Rate — Not QPL for -8304 thru -8401. |