Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDK2307_2B Datasheet(PDF) 16 Page - Cadeka Microcircuits LLC.

No. de pieza CDK2307_2B
Descripción Electrónicos  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CADEKA [Cadeka Microcircuits LLC.]
Página de inicio  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307_2B Datasheet(HTML) 16 Page - Cadeka Microcircuits LLC.

Back Button CDK2307_2B Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 15Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 16Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
For additional information regarding our products, please visit CADEKA at: cadeka.com
CADEKA, the CADEKA logo design, COMLINEAR and the COMLINEAR logo design are trademarks or registered trademarks of CADEKA
Microcircuits LLC. All other brand and product names may be trademarks of their respective companies.
CADEKA reserves the right to make changes to any products and services herein at any time without notice. CADEKA does not assume any
responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in
writing by CADEKA; nor does the purchase, lease, or use of a product or service from CADEKA convey a license under any patent rights,
copyrights, trademark rights, or any other of the intellectual property rights of CADEKA or of third parties.
Copyright ©2009 by CADEKA Microcircuits LLC. All rights reserved.
CADEKA Headquarters Loveland, Colorado
T: 970.663.5452
T: 877.663.5452 (toll free)
Data Sheet
Amplify the Human Experience
Mechanical Dimensions (Continued)
TQFP-64 Package
Symbol
Min
Typ
Max
Min
Typ
Max
A
0.047
1.2
A1
0.002
0.006
0.05
0.15
A2
0.037
0.039
0.041
0.95
1.00
1.05
D
0.472 BSC
12.00 BSC
D1
0.393 BSC
10.00 BSC
E
0.472 BSC
12.00 BSC
E1
0.393 BSC
10.00 BSC
R2
0.003
0.008
0.08
0.20
R1
0.003
0.08
3.5°
3.5°
1
2
11°
12°
13°
11°
12°
13°
3
11°
12°
13°
11°
12°
13°
c
0.004
0.008
0.09
0.20
L
0.018
0.24
0.030
0.45
0.75
L1
0.039 REF
1.00 REF
S
0.008
0.20
b
0.007
0.008
0.011
0.17
0.20
0.27
e
0.020 BSC
0.520 BSC
D2
0.295
7.50
E2
0.295
7.50
aaa
0.008
0.20
bbb
0.008
0.20
ccc
0.003
0.08
ddd
0.003
0.08
Inches
Millimeters
NOTES:
1. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is
0.25mm per side. D1 and E1 are maxmum plastic body size dimensions
including mold mismatch.
2. Dimension b does not include dambar protrusion. Allowable dambar protrusion
shall not cause the lead width to exceed the maximum b dimension by more
than 0.08mm.
3. Dambar can not be located on the lower radius or the foot. Minimum space
between protrusion and an adjacent lead is 0.07mm for 0.4mm and 0.5mm
pitch packages.
TOP VIEW
DETAIL SIDE VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com