Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDK2307_2B Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

No. de pieza CDK2307_2B
Descripción Electrónicos  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CADEKA [Cadeka Microcircuits LLC.]
Página de inicio  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307_2B Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CDK2307_2B Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK2307_2B Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
Digital and Timing Electrical Characteristics
(AVDD = 1.8V, DVDD = 1.8V, DVDDCLK = 1.8V, OVDD = 2.5V, 50 MSPS clock, 50% clock duty cycle,
-1 dBFS input signal, 5pF capacitive load, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Clock Inputs
Duty Cycle
20
80
% high
Compliance
CMOS, LVDS, LVPECL, Sine Wave
Input Range
Differential input swing
Differential input swing, sine wave clock input
Input Common Mode Voltage
Keep voltages within ground and voltage of OVDD
0.3
VOVDD -0.3
V
Input Capacitance
Differential
2
pF
Timing
TPD
Start Up Time Active Mode
From Power Down Mode to Active Mode
900
clk cycles
SLP
TOVR
Out Of Range Recovery Time
1
clk cycles
TAP
Aperture Delay
0.8
ns
εRMS
Aperture Jitter
<0.5
psrms
TLAT
Pipeline Delay
12
clk cycles
TD
Output Delay (see timing diagram)
5pF load on output bits
3
10
ns
TDC
Output Delay (see timing diagram)
Relative to CLK_EXT
1
6
ns
Logic Inputs
VHI
High Level Input Voltage
VOVDD ≥ 3.0V
2
V
VOVDD = 1.7V – 3.0V
0.8 VOVDD
V
VLI
Low Level Input Voltage
VOVDD ≥ 3.0V
0
0.8
V
VOVDD = 1.7V – 3.0V
0
0.2 VOVDD
V
IHI
High Level Input Leakage Current
-10
10
µA
ILI
Low Level Input Leakage Current
-10
10
µA
CI
Input Capacitance
3
pF
Logic Outputs
VHO
High Level Output Voltage
VOVDD-0.1
V
VLO
Low Level Output Voltage
0.1
V
CL
Max Capacitive Load
Post-driver supply voltage equal to pre-driver
5
pF
Post-driver supply voltage above 2.25V (1)
10
pF
Note:
(1) The outputs will be functional with higher loads. However, it is recommended to keep the load on output data bits as low as possible to keep dynamic currents
and resulting switching noise at a minimum.
400
mVpp
1.6
Vpp
T
Start Up Time Mode
From Sleep Mode to Active
20
clk cycles
supply voltage VOVDD = VDVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com