Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB90F337 Datasheet(PDF) 40 Page - fujitsu semiconductor

No. de pieza MB90F337
Descripción Electrónicos  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Datasheet(HTML) 40 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 36Page - fujitsu semiconductor MB90F337 Datasheet HTML 37Page - fujitsu semiconductor MB90F337 Datasheet HTML 38Page - fujitsu semiconductor MB90F337 Datasheet HTML 39Page - fujitsu semiconductor MB90F337 Datasheet HTML 40Page - fujitsu semiconductor MB90F337 Datasheet HTML 41Page - fujitsu semiconductor MB90F337 Datasheet HTML 42Page - fujitsu semiconductor MB90F337 Datasheet HTML 43Page - fujitsu semiconductor MB90F337 Datasheet HTML 44Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
MB90335 Series
40
DS07-13735-6E
5.
USB characteristics
(VCC
= 3.3 V ± 0.3 V, VSS = 0.0 V, TA = 0 °C to +70 °C)
* : Arrange the series resistance RS values in order to set the impedance value within the output impedance ZSRV.
• Data signal timing (Full Speed)
• Data signal timing (Low Speed)
Parameter
Symbol
Sym-
bol
Value
Unit
Remarks
Min
Max
Input
characteristics
Input High level voltage
VIH
2.0
⎯
V
Input Low level voltage
VIL
⎯
0.8
V
Differential input sensitivity
VDI
0.2
⎯
V
Differential common mode range
VCM
0.8
2.5
V
Output
characteristics
Output High level voltage
VOH
2.8
3.6
V
IOH
= −200 μA
Output Low level voltage
VOL
0.0
0.3
V
IOL
= 2 mA
Cross over voltage
VCRS
1.3
2.0
V
Rise time
tFR
4
20
ns
Full Speed
tLR
75
300
ns
Low Speed
Fall time
tFF
4
20
ns
Full Speed
tLF
75
300
ns
Low Speed
Rising/falling time matching
tRFM
90
111.11
%
(TFR/TFF)
tRLM
80
125
%
(TLR/TLF)
Output impedance
ZDRV
28
44
Ω
Including Rs
= 27 Ω
Series resistance
RS
25
30
Ω
Recommended value
= 27 Ω at using USB*
DVM/HVM
90%
tFR
10%
90%
10%
tFF
VCRS
DVP/HVP
Rise time
Fall time
HVP
90%
tLR
10%
90%
10%
tLF
VCRS
HVM
Rise time
Fall time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com