Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB90F337 Datasheet(PDF) 34 Page - fujitsu semiconductor

No. de pieza MB90F337
Descripción Electrónicos  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 30Page - fujitsu semiconductor MB90F337 Datasheet HTML 31Page - fujitsu semiconductor MB90F337 Datasheet HTML 32Page - fujitsu semiconductor MB90F337 Datasheet HTML 33Page - fujitsu semiconductor MB90F337 Datasheet HTML 34Page - fujitsu semiconductor MB90F337 Datasheet HTML 35Page - fujitsu semiconductor MB90F337 Datasheet HTML 36Page - fujitsu semiconductor MB90F337 Datasheet HTML 37Page - fujitsu semiconductor MB90F337 Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
MB90335 Series
34
DS07-13735-6E
(2) Reset
(VCC
= 3.3 V ± 0.3 V, VSS = 0.0 V, TA = -40 °C to +85 °C)
* : Oscillation time of oscillator is the time that the amplitude reaches 90 %. It takes several milliseconds to several
dozens of milliseconds on a crystal oscillator, several hundreds of microseconds to several milliseconds on a
ceramic oscillator, and 0 milliseconds on an external clock.
Parameter
Sym-
bol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Reset input
time
tRSTL
RST
⎯
500
⎯
ns
At normal operating,
At time base timer mode,
At main sleep mode,
At PLL sleep mode
Oscillation time of
oscillator* + 500 ns
⎯μs At stop mode
RST
X0
500 ns
tRSTL
0.2 VCC
0.2 VCC
RST
tRSTL
0.2 VCC
0.2 VCC
• During stop mode
Internal
operation
clock
Internal reset
Oscillation time
of oscillator
Oscillation stabilization wait time
Execute instruction
90
% of
amplitude
• During normal operation, time-base timer mode, main sleep mode and PLL sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com