Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB90F337PMC Datasheet(PDF) 21 Page - fujitsu semiconductor

No. de pieza MB90F337PMC
Descripción Electrónicos  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB90F337PMC Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90F337PMC Datasheet HTML 17Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 18Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 19Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 20Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 21Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 22Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 23Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 24Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
MB90335 Series
DS07-13735-6E
21
(Continued)
• Explanation on read/write
• Explanation of initial values
Note : No I/O instruction can be used for registers located between 007900H and 007FFFH.
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
007920H
DBAPL
DMA Buffer Address Pointer Lower 8-bit
R/W
μDMAC
XXXXXXXXB
007921H
DBAPM
DMA Buffer Address Pointer Middle 8-bit
R/W
XXXXXXXXB
007922H
DBAPH
DMA Buffer Address Pointer Upper 8-bit
R/W
XXXXXXXXB
007923H
DMACS
DMA Control Register
R/W
XXXXXXXXB
007924H
DIOAL
DMA I/O Register Address Pointer Lower
8-bit
R/W
XXXXXXXXB
007925H
DIOAH
DMA I/O Register Address Pointer
Upper 8-bit
R/W
XXXXXXXXB
007926H
DDCTL
DMA Data Counter Lower 8-bit
R/W
XXXXXXXXB
007927H
DDCTH
DMA Data Counter Upper 8-bit
R/W
XXXXXXXXB
007928H
to
007FFFH
Prohibited
R/W : Readable and Writable
R
: Read only
W
: Write only
0
: Initial value is “0”.
1
: Initial value is “1”.
X
: Initial value is undefined.
-
: Initial value is undefined (None).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com